Electronic Components Datasheet Search
  English  ▼

X  

VNC2 Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # VNC2
Description  VNC2 Debug Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNC2 Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button VNC2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 9Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 10Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 11Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 12Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 13Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 14Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
10
Document Reference No.: FT_000254
VNC2 Debug Module Datasheet Version 1.1
Clearance No.: FTDI# 149
5 Mechanical Dimensions
5.1 Debug Module PCB Mechanical details
Dimensions in mm.Tolerance is ±0.1mm
25.2mm
2.5mm
23.7mm
28.00mm
1.93mm
Figure 5.1 VNC2 Debug Module Dimensions (Top View)
3.9mm
5mm
6.4mm
Figure 5.2 VNC2 Debug Module Dimensions (Side View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com