Electronic Components Datasheet Search
  English  ▼

X  

VNC2 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # VNC2
Description  VNC2 Debug Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNC2 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button VNC2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 9Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 10Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
6
Document Reference No.: FT_000254
VNC2 Debug Module Datasheet Version 1.1
Clearance No.: FTDI# 149
3.2 Components
Name
Board
Designator
Description
Debug Connector
CN2
Debug connector, 6-way 2mm pitch female connector.
USB Connector
CN1
USB Mini-B type connector for connecting to PC.
FT232R
U1
FTDI FT232R USB to serial converter device.
2 Port Buffer
U3
2 port buffer device used to convert VNC2 debug signal
from single bit bidirectional signal into separate
transmit and receive signals for FT232R. Data flow
direction control on the buffer is carried out by the
TXEN output from the FT232R. TXEN at logic ‘1’ will
indicate transmit.
Transmit / Receive LED (red)
D1
LED indicating transmit or receive traffic.
Power LED (yellow)
D2
LED indicating power status.
FET switch
Q1
FET switch used to switch power on or off on connector
CN2. FET switch is controlled by PWREN# output from
FT232R.
Table 3.1 Component Descriptions
3.3
Debug Interface Description (CN2)
Pin No.
Name
Type
Description
1
Debug. IF
I/O
Debugger Interface.
2
[Key]
-
Not connected.
3
GND
PWR
Module ground supply pin.
4
RESET#
Output
Connects to VNC2 RESET# pin. This pin may be
used in combination with PROG# and the UART
interface to program firmware into the VNC2
device.
5
PROG#
Output
Connects to VNC2 PROG# pin. This pin is used in
combination with the RESET# pin and the UART
interface to program firmware into the VNC2
device.
6
VCC
5V Output
5V output to V2DIP module (from USB bus power).
Table 3.2 Signal Descriptions
Note: Signal levels on pins 1, 4 and 5 have 3.3V signalling levels to match the VNC2 interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com