Electronic Components Datasheet Search
  English  ▼

X  

VNC2 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # VNC2
Description  VNC2 Debug Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNC2 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  VNC2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
1
Document Reference No.: FT_000254
VNC2 Debug Module Datasheet Version 1.1
Clearance No.: FTDI# 149
1 Introduction
The following data sheet details the features and specifications of the VNC2 debug module. The VNC2
debug module is designed to provide connectivity between the Vinculum-II IDE development software
and the debug interface pin on the FTDI Vinculum-II (VNC2) USB host controller device.
The VNC2 debug module consists of a miniature board with a USB miniB connector, which provides USB
connectivity to Vinculum-II IDE development tools running on a PC. The VNC2 debug module can be
used to program and debug firmware running on the VNC2 device.
The module connects to the VNC2 device via a 6-way, 2mm pitch, keyed, female connector. The V2DIPx-
x, VNC2 based development modules are equipped with a compatible male connector to host the VNC2
debug module. Designers intending to use the module with their own VNC2 based hardware are required
to have a similar compatible male connector on their hardware. Details on the debug interface and
connectors are outlined in subsequent sections of this document.
Figure 1.1 VNC2 Debugger Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com