Electronic Components Datasheet Search
  English  ▼

X  

VNC2 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # VNC2
Description  VNC2 Debug Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNC2 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button VNC2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 9Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 10Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 11Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
7
Document Reference No.: FT_000254
VNC2 Debug Module Datasheet Version 1.1
Clearance No.: FTDI# 149
3.4 Connecting Debug Module on V2DIPx-x Modules
The V2DIPx-x modules have a compatible 6-pin, 2mm pitch male connector for directly connecting the
VNC2 debug module to the V2DIPx-x board.
Figure 3.2 Example Connection of Debug Module Connection to V2DIP2-64
3.5 Connecting Debug Module on Custom PCB
Where a customer is developing their own VNC2 based hardware, customers can support the VNC2 debug
module connectivity by hosting a compatible connector on their PCB. The VNC2 debug module requires a
6-pin, 2mm pitch male connector providing connectivity to the VNC2 debug pin, PROG# and RESET# pins,
as well as GND and VCC pins. Details on the required connectivity are shown on
Figure 3.3.
A Samtec connector, part number TMM-106-01-G-S-RA, has been used as the mating male connector for
the debug module on the V2DIPx-x modules. Similiar connectors are available from other vendors.
Figure 3.3 VNC2 Debug Module Interfaced To VNC2 Custom Application
Notes:
Debug pin: By default the VNC2 debug pin is mapped to IOBUS0 pin on the VNC2. However
the debug pin can be relocated to altering the IOMUX multiplexer settings for the device in a
user application. Designers are advised to check the configuration of the debug pin prior to
connecting the VNC2 debug pin to their board.
VCC +5V Supply: Optional requirement for the debug interface. +5V supplied from the USB
interface via connector CN1. Can be used to supply up to 400mA to an external circuit on the
mating board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com