Electronic Components Datasheet Search
  English  ▼

X  

VNC2 Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # VNC2
Description  VNC2 Debug Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNC2 Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  VNC2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
2
Document Reference No.: FT_000254
VNC2 Debug Module Datasheet Version 1.1
Clearance No.: FTDI# 149
Table of Contents
1
Introduction............................................................................................ 1
2
Applications ........................................................................................... 3
2.1
Features ...............................................................................................................3
2.2
Software Drivers ..................................................................................................3
2.3
Part Number .........................................................................................................3
2.4
References ...........................................................................................................4
2.5
Acronyms and Abbreviations.............................................................................4
3
Functional Description.......................................................................... 5
3.1
Module Layout .....................................................................................................5
3.2
Components.........................................................................................................6
3.3
Debug Interface Description (CN2) ....................................................................6
3.4
Connecting Debug Module on V2DIPx-x Modules............................................7
3.5
Connecting Debug Module on Custom PCB .....................................................7
3.6
Confirm Debug Connection Using IDE ..............................................................8
4
Electrical Specifications ....................................................................... 9
4.1
+5V Supply Ratings .............................................................................................9
5
Mechanical Dimensions ...................................................................... 10
5.1
Debug Module PCB Mechanical details...........................................................10
5.2
Debug Connector Mechanical Details .............................................................11
6
Debug Module Schematic Diagram .................................................... 12
7
Contact Information............................................................................. 13
Appendix A
– List of Figures and Tables ...................................................................14
List of Figures...............................................................................................................14
List of Tables ................................................................................................................14
Appendix B
– Revision History ...................................................................................15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com