Electronic Components Datasheet Search
  English  ▼

X  

VNC2 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # VNC2
Description  VNC2 Debug Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNC2 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  VNC2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VNC2 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
3
Document Reference No.: FT_000254
VNC2 Debug Module Datasheet Version 1.1
Clearance No.: FTDI# 149
2 Applications
Enable firmware programming of VNC2 devices on V2DIPx-x development modules and custom
VNC2 based hardware.
Debug firmware code running on a VNC2 device.
2.1 Features
The VNC2 debug module incorporates the following features
:
One USB ‘miniB’ type socket to connect with a
PC.
Onboard FTDI FT232R which provides
conversion from USB to serial interface for
VNC2 debug port.
Low USB bandwidth consumption.
USB2.0 Full Speed compatible.
UHCI/OHCI/EHCI host controller compatible.
5V Power output to V2DIP-x module (if
needed).
USB powered.
Programming and debugging for VNC2 IC
designs.
Power and traffic indicator LEDs
6 way, keyed connector to support FTDI’s
range of V2DIPx-x development modules.
VNC2 debug module is a Pb-free, RoHS
complaint development module.
-40
℃ to +85℃ operating temperature range.
2.2 Software Drivers
USB drivers for the FT232R device, featured on the VNC2 debug module, are available from
http://www.ftdichip.com.
2.3 Part Number
The part number for the board is- VNC2 DEBUG MODULE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com