Electronic Components Datasheet Search
  English  ▼

X  

PCA88021 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA88021
Description  ultra low power oscillator with integrated counter for initiating one time password generation
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA88021 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA88021 Datasheet HTML 19Page - NXP Semiconductors PCA88021 Datasheet HTML 20Page - NXP Semiconductors PCA88021 Datasheet HTML 21Page - NXP Semiconductors PCA88021 Datasheet HTML 22Page - NXP Semiconductors PCA88021 Datasheet HTML 23Page - NXP Semiconductors PCA88021 Datasheet HTML 24Page - NXP Semiconductors PCA88021 Datasheet HTML 25Page - NXP Semiconductors PCA88021 Datasheet HTML 26Page - NXP Semiconductors PCA88021 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
PCA8802_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 19 February 2009
23 of 34
NXP Semiconductors
PCA8802
Smartcard RTC
13. Bare die information
13.1 Locations
[1]
All coordinates are referenced, in
µm, to the center of the die (see Figure 30 and Figure 31).
[2]
The substrate (rear side of the die) is wired to VSS but should not be electrically connected.
[3]
Die size before dicing. Final dimensions will be 10
µm to 20 µm smaller.
13.2 PCB or foil landing site
The layout of the landing sites is important. It is recommended to follow the following
guidelines
1. All landing sites should be the same size. When one site has a different size or shape,
e.g. to indicate pad one, then the pull on the die produced by the surface tension of
the solder will be different in one place. This variation can lead to the die not laying flat
on the Printed-Circuit Board (PCB) or foil. This can also result in weak solder joints for
some pins.
2. It is recommended to use circular landing sites of the same diameter as the solder
ball. This will help with self alignment. Solder bump dimensions may be found in
Figure 30.
Table 13.
Bump and reference point locations
Symbol
Pad
Coordinates[1]
x
y
INT
1
437
−396
VDD
2
−12
−430
TEST
3
−460
−396
OSCO
4
−460
1
OSCI
5
−460
396
VSS[2]
6
−12
430
SCL
7
437
396
SDA
8
437
1
pin 1 identifier
-
474.7
−472.0
bottom left die corner[3] -
−594.8
−568.2
top right die corner[3]
-
594.7
568.3
Pin 1 is identified by this symbol.
Fig 28. Pin 1 identifier
001aaj154
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com