Electronic Components Datasheet Search
  English  ▼

X  

PCA88021 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA88021
Description  ultra low power oscillator with integrated counter for initiating one time password generation
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA88021 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA88021 Datasheet HTML 10Page - NXP Semiconductors PCA88021 Datasheet HTML 11Page - NXP Semiconductors PCA88021 Datasheet HTML 12Page - NXP Semiconductors PCA88021 Datasheet HTML 13Page - NXP Semiconductors PCA88021 Datasheet HTML 14Page - NXP Semiconductors PCA88021 Datasheet HTML 15Page - NXP Semiconductors PCA88021 Datasheet HTML 16Page - NXP Semiconductors PCA88021 Datasheet HTML 17Page - NXP Semiconductors PCA88021 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
PCA8802_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 19 February 2009
14 of 34
NXP Semiconductors
PCA8802
Smartcard RTC
9.6 Instructions
9.6.1 Instruction set
[1]
Read of the counter is implicit with an interface read.
9.6.2 Instruction wrt_cmd
The write instruction (wrt_cmd) precedes each write sequence. Details of the writing
protocol can be found in Section 9.5.1.1.
9.6.3 Instruction dvs_cmd
The divider switch instruction (dvs_cmd) can be used to freeze the divider chain and to
put it in a defined state. The first two bits of the divider chain can not be influenced. With
this instruction it is possible to control the time to the next increment of the counter. See
Table 8.
Table 5.
Write instructions
The writing protocol is illustrated in Figure 10.
First byte
Second byte
Further bytes Action
Instruction Instruction code Instruction Instruction code Parameters
wrt_cmd
1010 0000
-
device slave write address: slave address
plus write bit
dvs_cmd
0001 0001
-
stop and reset dividers
0001 0000
-
start dividers
pwd_cmd
0010 0001
-
shut down the device
0010 0000
-
enable the device
32k_cmd
0011 0001
-
enable output of 32.768 kHz on pin INT
0011 0000
-
disable output of 32.768 kHz on pin INT
fst_cmd
0100 0001
-
fast mode; increments counter every
second
0100 0000
-
fast mode disable
set_cmd
1000 0000
set the counter value
P1[23:16]
parameter with counter values
P2[15:8]
P3[7:0]
Table 6.
Read instructions
The reading protocol is illustrated in Figure 11.
First byte
Further bytes Action
Instruction Instruction code Parameters
rd_cmd[1]
1010 0001
device slave read address: slave address plus
read bit
P1[23:16]
parameter with counter values;
continues to read until no ACK is received;
counter is not updated during this time
P2[15:8]
P3[7:0]
P4[23:16]
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com