Electronic Components Datasheet Search
  English  ▼

X  

L7200 Datasheet(PDF) 32 Page - Intel Corporation

Part # L7200
Description  Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L7200 Datasheet(HTML) 32 Page - Intel Corporation

Back Button L7200 Datasheet HTML 28Page - Intel Corporation L7200 Datasheet HTML 29Page - Intel Corporation L7200 Datasheet HTML 30Page - Intel Corporation L7200 Datasheet HTML 31Page - Intel Corporation L7200 Datasheet HTML 32Page - Intel Corporation L7200 Datasheet HTML 33Page - Intel Corporation L7200 Datasheet HTML 34Page - Intel Corporation L7200 Datasheet HTML 35Page - Intel Corporation L7200 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
Electrical Specifications
32
Datasheet
4.
Specified at the VID voltage.
5.
The ICCDES(max) specification of 23 A comprehends only Intel Core 2 Duo mobile processor HFM
frequencies with Intel Centrino Duo mobile technology.
6.
Based on simulations and averaged over the duration of any change in current. Specified by design/
characterization at nominal VCC. Not 100% tested.
7.
Measured at the bulk capacitors on the motherboard.
8.
VCC,BOOT tolerance shown in Figure 3.
9.
Specified at nominal VCC.
10.
This is a steady-state Icc current specification, which is applicable when both VCCP and VCC_CORE are high.
11.
This is a power-up peak current specification, which is applicable when VCCP is high and VCC_CORE is low.
12.
If a given Operating System C-State model is not based on the use of MWAIT or I/O Redirection, the Intel
Core 2 Duo mobile processor Deeper Sleep VID will be same as LFM VID
Table 8.
Voltage and Current Specifications for Single and Dual-core Ultra Low Voltage
Processors (Sheet 1 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VCCHFM
VCC at Highest Frequency Mode (HFM)
0.8
0.975
V
1, 2
VCCLFM
VCC at Lowest Frequency Mode (LFM)
0.75
0.95
V
1, 2
VCC,BOOT
Default VCC Voltage for Initial Power Up
1.20
V
2, 8
VCCP
AGTL+ Termination Voltage
1.00
1.05
1.10
V
VCCA
PLL Supply Voltage
1.425
1.5
1.575
V
VCCDPRSLP
VCC at Deeper Sleep Voltage
0.60
0.80
V
1, 2, 12
VCCDC4
VCC at Intel® Enhanced Deeper Sleep
Voltage
0.55
0.70
V
1, 2
ICCDES
ICC for Processors
Recommended Design Targets:
17 (dual
core)
8 (single
core)
A5
ICC
Processor
Number
Core Frequency/Voltage
U7600
U7500
U2200
U2100
1.20 GHz and HFM VCC
1.06 GHz and HFM VCC
1.20 GHz and HFM VCC
1.06 GHz and HFM VCC
0.80 GHz and LFM VCC
16
16
8
8
13.8-DC
6.9-SC
A3, 9
IAH,
ISGNT
ICC Auto-Halt & Stop-Grant
LFM
HFM
6.5
7.4
A3, 4
ISLP
ICC Sleep
LFM
HFM
6.3
7.3
A3, 4
IDSLP
ICC Deep Sleep
LFM
HFM
5.7
6.2
A3, 4
IDPRSLP
ICC Deeper Sleep
4.9
A
3, 4
ICCDC4
ICC Intel Enhanced Deeper Sleep
4.0
A
3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com