Electronic Components Datasheet Search
  English  ▼

X  

L7200 Datasheet(PDF) 37 Page - Intel Corporation

Part # L7200
Description  Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L7200 Datasheet(HTML) 37 Page - Intel Corporation

Back Button L7200 Datasheet HTML 33Page - Intel Corporation L7200 Datasheet HTML 34Page - Intel Corporation L7200 Datasheet HTML 35Page - Intel Corporation L7200 Datasheet HTML 36Page - Intel Corporation L7200 Datasheet HTML 37Page - Intel Corporation L7200 Datasheet HTML 38Page - Intel Corporation L7200 Datasheet HTML 39Page - Intel Corporation L7200 Datasheet HTML 40Page - Intel Corporation L7200 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
Datasheet
37
Electrical Specifications
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
VIL is defined as the maximum voltage level at a receiving agent that will be interpreted as a logical low
value.
3.
VIH is defined as the minimum voltage level at a receiving agent that will be interpreted as a logical high
value.
4.
VIH and VOH may experience excursions above VCCP. However, input signal drivers must comply with the
signal quality specifications.
5.
This is the pull-down driver resistance. Measured at 0.31*VCCP. RON (min) = 0.38*R
TT. R
ON (typ) =
0.45*R
TT. R
ON (max) = 0.52*RTT.
6.
GTLREF should be generated from VCCP with a 1% tolerance resistor divider. The VCCP referred to in these
specifications is the instantaneous VCCP.
7.
RTT is the on-die termination resistance measured at VOL of the AGTL+ output driver. Measured at
0.31*VCCP. RTT is connected to VCCP on-die.
8.
Specified with on-die RTT and RON are turned off. Vin (Input Voltage) between 0 and VCCP.
9.
Cpad includes die capacitance only. No package parasitics are included.
10.
This is the external resistor on the comp pins.
11.
On-die termination resistance, measured at 0.33*VCCP.
Table 9.
AGTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VCCP
I/O Voltage
1.00
1.05
1.10
V
GTLREF
Reference Voltage
2/3 VCCP
V6
RCOMP
Compensation Resistor
27.23
27.5
27.78
Ω
10
RODT
Termination Resistor
55
Ω
11
VIH
Input High Voltage
GTLREF +0.10
VCCP
VCCP +0.10
V
3,6
VIL
Input Low Voltage
-0.10
0
GTLREF-0.10
V
2,4
VOH
Output High Voltage
VCCP -0.10
VCCP
VCCP
6
R
TT
Termination Resistance
50
55
61
Ω
7
RON
Buffer On Resistance
22
25
28
Ω
5
ILI
Input Leakage Current
±100
µA
8
Cpad
Pad Capacitance
1.6
2.1
2.55
pF
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com