Electronic Components Datasheet Search
  English  ▼

X  

L7200 Datasheet(PDF) 44 Page - Intel Corporation

Part # L7200
Description  Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L7200 Datasheet(HTML) 44 Page - Intel Corporation

Back Button L7200 Datasheet HTML 40Page - Intel Corporation L7200 Datasheet HTML 41Page - Intel Corporation L7200 Datasheet HTML 42Page - Intel Corporation L7200 Datasheet HTML 43Page - Intel Corporation L7200 Datasheet HTML 44Page - Intel Corporation L7200 Datasheet HTML 45Page - Intel Corporation L7200 Datasheet HTML 46Page - Intel Corporation L7200 Datasheet HTML 47Page - Intel Corporation L7200 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
Package Mechanical Specifications and Pin Information
44
Datasheet
Figure 10.
4-MB and 2-MB Fused Micro-FCBGA Processor Package Drawing
B6597-01
F3
B
A
A
479 Balls
J1
Top View
Front View
Detail B
Scale 50
Detail A
Scale 20
Bottom View
Side View
H2
G2
H1
B
B2
B1
C2
C1
F2
N
F3
G1
C
M
Package Substrate
Underfill
Die
B1
34.95
34.95
35.05
1.903
2.163
0.61
0.69
35.05
SYMBOL
COMMENTS
MILLIMETERS
MIN
MAX
B2
13.8
C2
10.5
C1
0.89
F2
31.75 BASIC
G2
31.75 BASIC
G1
15.875 BASIC
H2
15.875 BASIC
H1
689 kPa
P DIE
6g
W
M
0.6
0.8
N
1.27 BASIC
J2
1.27 BASIC
J1
F3
ø0.203
0.203
CA
L
B
ø0.071 L
J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com