Electronic Components Datasheet Search
  English  ▼

X  

L7200 Datasheet(PDF) 40 Page - Intel Corporation

Part # L7200
Description  Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L7200 Datasheet(HTML) 40 Page - Intel Corporation

Back Button L7200 Datasheet HTML 36Page - Intel Corporation L7200 Datasheet HTML 37Page - Intel Corporation L7200 Datasheet HTML 38Page - Intel Corporation L7200 Datasheet HTML 39Page - Intel Corporation L7200 Datasheet HTML 40Page - Intel Corporation L7200 Datasheet HTML 41Page - Intel Corporation L7200 Datasheet HTML 42Page - Intel Corporation L7200 Datasheet HTML 43Page - Intel Corporation L7200 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
Package Mechanical Specifications and Pin Information
40
Datasheet
Figure 6.
4-MB and 2-MB Fused Micro-FCPGA Processor Package Drawing
B6595-01
B
H1
H2
G2
G2
J2
J1
478 Pins
Bottom View
Top View
Front View
Side View
A
A
Die
Underfill
Package Substrate
ØP
0.65 MAX
Ø
0.37 MAX
Ø
0.65 MAX
2.03±0.08
C
MAX
MIN
MILLIMETERS
COMMENTS
SYMBOL
B1
B2
C1
C2
B2
B1
C1
C2
F1
F2
F2
F3
G1
G2
H1
H2
J1
J2
15.875 BASIC
15.875 BASIC
31.75 BASIC
31.75 BASIC
1.903
2.163
0.89
34.95
35.05
34.95
35.05
13.8
10.5
1.27 BASIC
1.27 BASIC
P
0.355
0.255
P Die
689kPa
W
6g
Keying Pins
A1, B2
Ø0.356
C A
Ø0.254
C
B
Detail A
Scale 20
THISDRAWING CONTAINSINTEL CORPORATION CONFIDENTIAL INFORMATION. IT ISDISCLOSED IN CONFIDENCE
AND ITS CONTENTS MAY NOT BE DISCLOSED, REPRODUCED, DISPLAYED OR MODIFIED, WITHOUT THE PRIOR
WRITTEN CONSENT OF INTEL CORPORATION
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com