Electronic Components Datasheet Search
  English  ▼

X  

S5000PAL Datasheet(PDF) 68 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 68 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 64Page - Intel Corporation S5000PAL Datasheet HTML 65Page - Intel Corporation S5000PAL Datasheet HTML 66Page - Intel Corporation S5000PAL Datasheet HTML 67Page - Intel Corporation S5000PAL Datasheet HTML 68Page - Intel Corporation S5000PAL Datasheet HTML 69Page - Intel Corporation S5000PAL Datasheet HTML 70Page - Intel Corporation S5000PAL Datasheet HTML 71Page - Intel Corporation S5000PAL Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Power and Environmental Specifications
Revision 1.7
Intel order number: D31979-010
69
8.
Power and Environmental Specifications
8.1
Intel® Server Board S5000PAL / S5000XAL Design
Specifications
Operation of the server board at conditions beyond those shown in the following table may cause
permanent damage to the system. Exposure to absolute maximum rating conditions for extended periods
may affect system reliability.
Table 33: Server Board Design Specifications
Operating Temperature
0º C to 55º C
1 (32º F to 131º F)
Non-Operating Temperature
-40º C to 70º C (-40º F to 158º F)
DC Voltage
± 5% of all nominal voltages
Shock (Unpackaged)
Trapezoidal, 50 g, 170 inches/sec
Shock (Packaged)
< 20 lbs
≥ 20 to < 40
≥ 40 to < 80
≥ 80 to < 100
≥100 to < 120
≥120
36 inches
30 inches
24 inches
18 inches
12 inches
9 inches
Vibration (Unpackaged)
5 Hz to 500 Hz 3.13 g RMS random
Note:
1 Chassis design must provide proper airflow to avoid exceeding the Dual-Core Intel® Xeon®
processor 5000 sequence maximum case temperature.
Disclaimer Note
: Intel Corporation server boards support add-in peripherals and contain a number of
high-density VLSI and power delivery components that need adequate airflow to cool. Intel ensures
through its own chassis development and testing that when Intel server building blocks are used together,
the fully integrated system will meet the intended thermal requirements of these components. It is the
responsibility of the system integrator who chooses not to use Intel developed server building blocks to
consult vendor datasheets and operating parameters to determine the amount of air flow required for their
specific application and environmental conditions. Intel Corporation cannot be held responsible, if
components fail or the server board does not operate correctly when used outside any of their published
operating or non-operating limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com