Electronic Components Datasheet Search
  English  ▼

X  

S5000PAL Datasheet(PDF) 50 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 50 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 46Page - Intel Corporation S5000PAL Datasheet HTML 47Page - Intel Corporation S5000PAL Datasheet HTML 48Page - Intel Corporation S5000PAL Datasheet HTML 49Page - Intel Corporation S5000PAL Datasheet HTML 50Page - Intel Corporation S5000PAL Datasheet HTML 51Page - Intel Corporation S5000PAL Datasheet HTML 52Page - Intel Corporation S5000PAL Datasheet HTML 53Page - Intel Corporation S5000PAL Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Connector / Header Locations and Pin-outs
Revision 1.7
Intel order number: D31979-010
51
Pin-Side B PCI Spec Signal Pin-Side A PCI Spec Signal
36
+3.3V
36
+3.3V
35
ACK64#
35
REQ64#
34
+5V
34
+5V
33
+5V
33
+5V
32
Reserved
32
+5V
31
Ground
31
C/BE[7]#
30
C/BE[6]#
30
C/BE[5]#
29
C/BE[4]#
29
Ground
28
Ground
28
PAR64
27
AD[63]
27
AD[62]
26
AD[61]
26
3.3V
25
3.3V
25
AD[60]
24
AD[59]
24
AD[58]
23
AD[57]
23
Ground
22
Ground
22
AD[56]
21
AD[55]
21
AD[54]
20
AD[53]
20
3.3V
19
Ground
19
AD[52]
18
AD[51]
18
AD[50]
17
AD[49]
17
Ground
16
3.3V
16
AD[48]
15
AD[47]
15
AD[46]
14
AD[45]
14
Ground
13
Ground
13
AD[44]
12
AD[43]
12
AD[42]
KEY
KEY
KEY
KEY
11
AD[41]
11
3.3V
10
Ground
10
AD[40]
9
AD[39]
9
AD[38]
8
AD[37]
8
Ground
7
3.3V
7
AD[36]
6
AD[35]
6
AD[34]
5
AD[33]
5
Ground
4
Ground
4
AD[32]
3
Type1
3
PXH_RST_N
2
Type0
2
Ground
1
Size
1
PXH_PWROK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com