Electronic Components Datasheet Search
  English  ▼

X  

S5000PAL Datasheet(PDF) 51 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 51 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 47Page - Intel Corporation S5000PAL Datasheet HTML 48Page - Intel Corporation S5000PAL Datasheet HTML 49Page - Intel Corporation S5000PAL Datasheet HTML 50Page - Intel Corporation S5000PAL Datasheet HTML 51Page - Intel Corporation S5000PAL Datasheet HTML 52Page - Intel Corporation S5000PAL Datasheet HTML 53Page - Intel Corporation S5000PAL Datasheet HTML 54Page - Intel Corporation S5000PAL Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 112 page
background image
Connector / Header Locations and Pin-outs
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
52
5.5
SSI Control Panel Connector
The server board provides a 24-pin SSI control panel connector (J3H2) for use with non-Intel chassis.
The following table provides the pin-out for this connector.
Table 19. Front Panel SSI Standard 24-pin Connector Pin-out (J3H2)
Pin
Signal Name
Pin
Signal Name
1
P3V3_STBY
2
P3V3_STBY
3
Key
4
P5V_STBY
5
FP_PWR_LED_L
6
FP_ID_LED_L
7
P3V3
8
FP_STATUS_LED1_R
9
HDD_LED_ACT_R
10
FP_STATUS_LED2_R
11
FP_PWR_BTN_L
12
LAN_ACT_A_L
13
GND
14
LAN_LINKA_L
15
Reset Button
16
PS_I2C_3VSB_SDA
17
GND
18
PS_I2C_3VSB_SCL
19
FP_ID_BTN_L
20
FP_CHASSIS_INTRU
21
TEMP_SENSOR
22
LAN_ACT_B_L
23
FP_NMI_BTN_L
24
LAN_LINKB_L
5.6
Bridge Board Connector
For use in supported Intel
® Server Chassis, the server board provides a 120-pin high-density bridge
board connector (J4G1) to route control panel, mid-plane, and backplane signals from the server board to
the specified system board. The following table provides the pin-outs for this connector.
Table 20. 120-pin Bridgeboard Connector Pin-out (J4G1)
Pin
Signal Name
Pin
Signal Name
A1
SMB_HOST_3V3_CLK
B1
GND
A2
SMB_HOST_3V3_DAT
B2
PE1_ESB_TXN_C<3>
A3
FM_BRIDGE_PRESENT_N
B3
PE1_ESB_TXP_C<3>
A4
GND
B4
GND
A5
PE1_ESB_RXN_C<3>
B5
PE_WAKE_N
A6
PE1_ESB_RXP_C<3>
B6
GND
A7
GND
B7
PE1_ESB_TXN_C<2>
A8
FM_FAN_D_PRSNT6
B8
PE1_ESB_TXP_C<2>
A9
GND
B9
GND
A10
PE1_ESB_RXN_C<2>
B10
FM_FAN_D_PRSNT5
A11
PE1_ESB_RXP_C<2>
B11
GND
A12
GND
B12
PE1_ESB_TXN_C<1>
A13
FM_FAN_D_PRSNT4
B13
PE1_ESB_TXP_C<1>
A14
GND
B14
GND
A15
PE1_ESB_RXN_C<1>
B15
RST_MP_PWRGD
A16
PE1_ESB_RXP_C<1>
B16
GND
A17
GND
B17
PE1_ESB_TXN_C<0>
A18
FM_RAID_PRESENT
B18
PE1_ESB_TXP_C<0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com