Electronic Components Datasheet Search
  English  ▼

X  

S5000PAL Datasheet(PDF) 58 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 58 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 54Page - Intel Corporation S5000PAL Datasheet HTML 55Page - Intel Corporation S5000PAL Datasheet HTML 56Page - Intel Corporation S5000PAL Datasheet HTML 57Page - Intel Corporation S5000PAL Datasheet HTML 58Page - Intel Corporation S5000PAL Datasheet HTML 59Page - Intel Corporation S5000PAL Datasheet HTML 60Page - Intel Corporation S5000PAL Datasheet HTML 61Page - Intel Corporation S5000PAL Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Connector / Header Locations and Pin-outs
Revision 1.7
Intel order number: D31979-010
59
5.8
Fan Headers
The server board incorporates three system fan circuits which support a total of six SSI compliant 4-pin
fan connectors. Two fan connectors are designated as processor cooling fans, CPU1 Fan (J9K1) and
CPU2 Fan (J5K1). These connectors can support CPU fans that draw a maximum of 1.2 Amps each.
Two system fan connectors can be found towards the front edge of the server board, System Fan 1
(J3K1), System Fan 2 (J3K2). These connectors are capable of supporting a maximum fan load of 3.5
Amps each. Two additional system fan connectors can be found near the back edge of the server board,
System Fan 3(J7A1) and System Fan 4 (J7A2). These two connectors are capable of supporting a
maximum fan load of 2.5 Amps per connector. With the proper Sensor Data Record (SDR) installed,
Server Management software can monitor all system fans in use.
The pin configuration for each fan connector is identical and is defined in the following table.
Table 31. SSI Fan Connector Pin-out (J9K1,J5K1,J3K1,J3K2,J7A2,J7A1)
Pin
Signal Name
Type
Description
1
Ground
GND
GROUND is the power supply ground
2
12V
Power
Power supply 12V
3
Fan Tach
Out
FAN_TACH signal is connected to the BMC to monitor the fan speed
4
Fan PWM
In
FAN_PWM signal to control fan speed
Note
: Intel Corporation server baseboards support peripheral components and contain a number of high-
density VLSI and power delivery components that need adequate airflow to cool. Intel’s own chassis are
designed and tested to meet the intended thermal requirements of these components when the fully
integrated system is used together. It is the responsibility of the system integrator that chooses not to use
Intel developed server building blocks to consult vendor datasheets and operating parameters to
determine the amount of air flow required for their specific application and environmental conditions. Intel
Corporation can not be held responsible if components fail or the server board does not operate correctly
when used outside any of their published operating or non-operating limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com