Electronic Components Datasheet Search
  English  ▼

X  

S5000PAL Datasheet(PDF) 59 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 59 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 55Page - Intel Corporation S5000PAL Datasheet HTML 56Page - Intel Corporation S5000PAL Datasheet HTML 57Page - Intel Corporation S5000PAL Datasheet HTML 58Page - Intel Corporation S5000PAL Datasheet HTML 59Page - Intel Corporation S5000PAL Datasheet HTML 60Page - Intel Corporation S5000PAL Datasheet HTML 61Page - Intel Corporation S5000PAL Datasheet HTML 62Page - Intel Corporation S5000PAL Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
Jumper Block Settings
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
60
6.
Jumper Block Settings
The server board has several 2-pin and 3-pin jumper blocks that can be used to configure, protect, or
recover specific features of the server board. Pin 1 on each jumper block is denoted by an “*” or “▼”.
6.1
Recovery Jumper Blocks
Table 32. Recovery Jumpers (J1D1, J1D2, J1D3)
Jumper Name
Pins
What happens at system reset…
1-2
BMC Firmware Force Update Mode – Disabled (Default)
J1D1: BMC Force
Update
2-3
BMC Firmware Force Update Mode – Enabled
1-2
These pins should have a jumper in place for normal system operation. (Default)
J1D2: Password
Clear
2-3
If these pins are jumpered, administrator and user passwords will be cleared
immediately. These pins should not be jumpered for normal operation.
1-2
These pins should have a jumper in place for normal system operation. (Default)
J1D3: CMOS
Clear
2-3
If these pins are jumpered, the CMOS settings will be cleared immediately. These pins
should not be jumpered for normal operation
TP02080
3
2
Password
Reset
J1D2
J1D3
3
2
Clear
CMOS
BMC Force
Update Mode
3
2
J1D1
Disable
Enable
Figure 17. Recovery Jumper Blocks (J1D1, J1D2, J1D3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com