Electronic Components Datasheet Search
  English  ▼

X  

S5000PAL Datasheet(PDF) 42 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 42 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 38Page - Intel Corporation S5000PAL Datasheet HTML 39Page - Intel Corporation S5000PAL Datasheet HTML 40Page - Intel Corporation S5000PAL Datasheet HTML 41Page - Intel Corporation S5000PAL Datasheet HTML 42Page - Intel Corporation S5000PAL Datasheet HTML 43Page - Intel Corporation S5000PAL Datasheet HTML 44Page - Intel Corporation S5000PAL Datasheet HTML 45Page - Intel Corporation S5000PAL Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Connector / Header Locations and Pin-outs
Revision 1.7
Intel order number: D31979-010
43
5.
Connector / Header Locations and Pin-outs
5.1
Board Connector Information
The following section provides detailed information regarding all connectors, headers and jumpers on the
server board. Table 9 lists all connector types available on the board and the corresponding reference
designators printed on the silkscreen.
Table 9. Board Connector Matrix
Connector
Quantity
Reference Designators
Connector Type
Pin
Count
Power supply
3
J3K4
J3K3
J1K1
CPU Power
Main Power
P/S Aux
8
24
5
CPU
2
J8G1, J5G1
CPU Sockets
771
Main Memory
8
J7B1,J7B2,J8B1,J8B2,J8B3,J9B1,J9B2,
J9B3
DIMM Sockets
240
Full Height Riser
1
J4F1
Card Edge
280
Low Profile Riser
1
J5B1
Card Edge
98
Bridge Board
Connector
1
J4G1
Card Edge
120
RMM
1
J1C5
Mezzanine
120
RMM NIC
1
J1B2
Mezzanine
30
Intel
® I/O
Expansion Module
1
J3B1
Mezzanine
50
SATA RAID Key
1
J1E4
Key Holder
3
IDE (I/O + Power)
1
J3G1
Shrouded
Header
44
Front System Fans
#1 & #2
2
J3K1, J3K2
Header
4
Rear System Fans
#3 & #4
2
J7A2, J7A1
Header
4
CPU Fans
2
J5K1, J9K1
Header
4
Battery
1
BT1J1
Battery Holder
3
Keyboard/Mouse
1
J9A1
PS2, stacked
12
Rear USB
2
J5A1, J6A2
External
4
Serial Port A
1
J1B1
Header
9
Serial Port B
1
J9A2
External, RJ45
10
Video connector
1
J6A1
External, D-Sub
15
LAN connector
10/100/1000
2
JA8A1, JA8A2
External LAN
connector with
built-in magnetic
14
SSI Control Panel
1
J3H2
Header
24
Internal USB
1
J1J1
Header
10
Intrusion detect
2
J1C4
Header
2
Serial ATA
6
J1H1,J1G2,J1G1,J1F2,J1F1,J1E3
Header
7
LCP / AUX IPMB
1
J1C2
Header
4
IPMB
1
J1C3
Header
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com