Electronic Components Datasheet Search
  English  ▼

X  

S5000PAL Datasheet(PDF) 54 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 54 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 50Page - Intel Corporation S5000PAL Datasheet HTML 51Page - Intel Corporation S5000PAL Datasheet HTML 52Page - Intel Corporation S5000PAL Datasheet HTML 53Page - Intel Corporation S5000PAL Datasheet HTML 54Page - Intel Corporation S5000PAL Datasheet HTML 55Page - Intel Corporation S5000PAL Datasheet HTML 56Page - Intel Corporation S5000PAL Datasheet HTML 57Page - Intel Corporation S5000PAL Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Connector / Header Locations and Pin-outs
Revision 1.7
Intel order number: D31979-010
55
5.7.3
IDE Connector
The server board includes an IDE connector to access the single IDE channel from the ESB-2 IO
controller hub. The design intent for this connector is to provide IDE support for a single slim-line optical
drive, such as CDROM or DVD. The connector is not a standard 40-pin IDE connector, instead it has 44
pins providing support for both power and IO signals. The pin-out for this connector is defined in the
following table.
Table 23. 44-pin IDE Connector Pin-out (J3G1)
Pin
Signal Name
Pin
Signal Name
1
ESB_PLT_RST_IDE_N
2
GND
3
RIDE_DD_7
4
RIDE_DD_8
5
RIDE_DD_6
6
RIDE_DD_9
7
RIDE_DD_5
8
RIDE_DD_10
9
RIDE_DD_4
10
RIDE_DD_11
11
RIDE_DD_3
12
RIDE_DD_12
13
RIDE_DD_2
14
RIDE_DD_13
15
RIDE_DD_1
16
RIDE_DD_14
17
RIDE_DD_0
18
RIDE_DD_15
19
GND
20
KEY
21
RIDE_DDREQ
22
GND
23
RIDE_DIOW_N
24
GND
25
RIDE_DIOR_N
26
GND
27
RIDE_PIORDY
28
GND
29
RIDE_DDACK_N
30
GND
31
IRQ_IDE
32
TP_PIDE_32
33
RIDE_DA1
34
IDE_PRI_CBLSNS
35
RIDE_DA0
36
RIDE_DA2
37
RIDE_DCS1_N
38
RIDE_DCS3_N
39
LED_IDE_N
40
GND
41
P5V
42
P5V
43
GND
44
GND
5.7.4
Intel
® I/O Expansion Module Connector
The server board provides an internal 50-pin mezzanine style connector (J3B1) to accommodate
proprietary form factor Intel
® I/O Expansion Modules, which expand the IO capabilities of the server board
without sacrificing an add-in slot from the riser cards. There are three planned IO modules for use on this
server board: external 4 port SAS, dual Gb NIC, and Infiniband*. For more detail on the supported IO
modules, please refer to the Intel
® Server Board S5000PAL / S5000XAL IO Module Hardware
Specification
. The following table details the pin-out of the Intel
® I/O Expansion Module connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com