Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 129Page - Renesas Technology Corp R27 Datasheet HTML 130Page - Renesas Technology Corp R27 Datasheet HTML 131Page - Renesas Technology Corp R27 Datasheet HTML 132Page - Renesas Technology Corp R27 Datasheet HTML 133Page - Renesas Technology Corp R27 Datasheet HTML 134Page - Renesas Technology Corp R27 Datasheet HTML 135Page - Renesas Technology Corp R27 Datasheet HTML 136Page - Renesas Technology Corp R27 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 487 page
background image
R8C/26 Group, R8C/27 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 114 of 453
REJ09B0278-0210
12.1.5.2
Relocatable Vector Tables
The relocatable vector tables occupy 256 bytes beginning from the starting address set in the INTB register.
Table 12.2 lists the Relocatable Vector Tables.
NOTES:
1. These addresses are relative to those in the INTB register.
2. The IICSEL bit in the PMR register switches functions.
3. The I flag does not disable these interrupts.
Table 12.2
Relocatable Vector Tables
Interrupt Source
Vector Addresses(1)
Address (L) to Address (H)
Software
Interrupt
Number
Interrupt Control
Register
Reference
BRK instruction(3)
+0 to +3 (0000h to 0003h)
0
−
R8C/Tiny Series Software
Manual
(Reserved)
1 to 2
−−
(Reserved)
3 to 6
−−
Timer RC
+28 to +31 (001Ch to 001Fh)
7
TRCIC
14.3 Timer RC
(Reserved)
8 to 9
−−
Timer RE
+40 to +43 (0028h to 002Bh)
10
TREIC
14.4 Timer RE
(Reserved)
11 to 12
−−
Key input
+52 to +55 (0034h to 0037h)
13
KUPIC
12.3 Key Input Interrupt
A/D
+56 to +59 (0038h to 003Bh)
14
ADIC
18. A/D Converter
Clock synchronous
serial I/O with chip
select / I2C bus
interface(2)
+60 to +63 (003Ch to 003Fh)
15
SSUIC/IICIC
16.2 Clock Synchronous
Serial I/O with Chip
Select (SSU),
16.3 I2C bus Interface
(Reserved)
16
−−
UART0 transmit
+68 to +71 (0044h to 0047h)
17
S0TIC
15. Serial Interface
UART0 receive
+72 to +75 (0048h to 004Bh)
18
S0RIC
UART1 transmit
+76 to +79 (004Ch to 004Fh)
19
S1TIC
UART1 receive
+80 to +83 (0050h to 0053h)
20
S1RIC
(Reserved)
21
−−
Timer RA
+88 to +91 (0058h to 005Bh)
22
TRAIC
14.1 Timer RA
(Reserved)
23
−−
Timer RB
+96 to +99 (0060h to 0063h)
24
TRBIC
14.2 Timer RB
INT1
+100 to +103 (0064h to 0067h)
25
INT1IC
12.2 INT Interrupt
INT3
+104 to +107 (0068h to 006Bh)
26
INT3IC
(Reserved)
27
−−
(Reserved)
28
−−
INT0
+116 to +119 (0074h to 0077h)
29
INT0IC
12.2 INT Interrupt
(Reserved)
30
−−
(Reserved)
31
−−
Software interrupt(3)
+128 to +131 (0080h to 0083h) to
+252 to +255 (00FCh to 00FFh)
32 to 63
−
R8C/Tiny Series Software
Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com