Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 132Page - Renesas Technology Corp R27 Datasheet HTML 133Page - Renesas Technology Corp R27 Datasheet HTML 134Page - Renesas Technology Corp R27 Datasheet HTML 135Page - Renesas Technology Corp R27 Datasheet HTML 136Page - Renesas Technology Corp R27 Datasheet HTML 137Page - Renesas Technology Corp R27 Datasheet HTML 138Page - Renesas Technology Corp R27 Datasheet HTML 139Page - Renesas Technology Corp R27 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 487 page
background image
R8C/26 Group, R8C/27 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 117 of 453
REJ09B0278-0210
Figure 12.5
INTiIC Register (i=0, 1, 3)
INTi Interrupt Control Register (i=0, 1, 3)
(2)
Symbol
Address
After Reset
INT1IC
0059h
XX00X000b
INT3IC
005Ah
XX00X000b
INT0IC
005Dh
XX00X000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
Rew rite the interrupt control register w hen the interrupt request w hich is applicable for the register is not generated.
Refer to 12.6.5 Changing Interrupt Control Register Contents.
If the INTiPL bit in the INTEN register is set to 1 (both edges), set the POL bit to 0 (selects falling edge).
The IR bit may be set to 1 (requests interrupt) w hen the POL bit is rew ritten. Refer to 12.6.4 Changing Interrupt
Sources.
b7 b6 b5 b4 b3 b2 b1 b0
0
ILVL0
RW
Interrupt priority level select bits
b2 b1 b0
0 0 0 : Level 0 (interrupt disable)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
ILVL1
RW
ILVL2
RW
IR
Interrupt request bit
0 : Requests no interrupt
1 : Requests interrupt
RW(1)
POL
Polarity sw itch bit(4)
0 : Selects falling edge
1 : Selects rising edge(3)
RW
—
(b5)
Reserved bit
Set to 0.
RW
—
(b7-b6)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
Only 0 can be w ritten to the IR bit. (Do not w rite 1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com