Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 146Page - Renesas Technology Corp R27 Datasheet HTML 147Page - Renesas Technology Corp R27 Datasheet HTML 148Page - Renesas Technology Corp R27 Datasheet HTML 149Page - Renesas Technology Corp R27 Datasheet HTML 150Page - Renesas Technology Corp R27 Datasheet HTML 151Page - Renesas Technology Corp R27 Datasheet HTML 152Page - Renesas Technology Corp R27 Datasheet HTML 153Page - Renesas Technology Corp R27 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 487 page
background image
R8C/26 Group, R8C/27 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 131 of 453
REJ09B0278-0210
12.5
Timer RC Interrupt, Clock Synchronous Serial I/O with Chip Select
Interrupts, and I2C bus Interface Interrupt (Interrupts with Multiple Interrupt
Request Sources)
The timer RC interrupt, clock synchronous serial I/O with chip select interrupt, and I2C bus interface interrupt each
have multiple interrupt request sources. An interrupt request is generated by the logical OR of several interrupt
request factors and is reflected in the IR bit in the corresponding interrupt control register. Therefore, each of these
peripheral functions has its own interrupt request source status register (status register) and interrupt request source
enable register (enable register) to control the generation of interrupt requests (change the IR bit in the interrupt
control register). Table 12.9 lists the Registers Associated with Timer RC Interrupt, Clock Synchronous Serial I/O
with Chip Select Interrupt, and I2C bus Interface Interrupt and Figure 12.19 shows a Block Diagram of Timer RC
Interrupt.
Figure 12.19
Block Diagram of Timer RC Interrupt
Table 12.9
Registers Associated with Timer RC Interrupt, Clock Synchronous Serial I/O with
Chip Select Interrupt, and I2C bus Interface Interrupt
Status Register of
Interrupt Request Source
Enable Register of
Interrupt Request Source
Interrupt Control
Register
Timer RC
TRCSR
TRCIER
TRCIC
Clock synchronous serial
I/O with chip select
SSSR
SSER
SSUIC
I2C bus interface
ICSR
ICIER
IICIC
Timer RC
interrupt request
(IR bit in TRCIC register)
IMFA bit
IMIEA bit
IMFB bit
IMIEB bit
IMFC bit
IMIEC bit
IMFD bit
IMIED bit
IMFA, IMFB, IMFC, IMFD, OVF: Bits in TRCSR register
IMIEA, IMIEB, IMIEC, IMIED, OVIE: Bits in TRCIER register
OVF bit
OVIE bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com