Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 165Page - Renesas Technology Corp R27 Datasheet HTML 166Page - Renesas Technology Corp R27 Datasheet HTML 167Page - Renesas Technology Corp R27 Datasheet HTML 168Page - Renesas Technology Corp R27 Datasheet HTML 169Page - Renesas Technology Corp R27 Datasheet HTML 170Page - Renesas Technology Corp R27 Datasheet HTML 171Page - Renesas Technology Corp R27 Datasheet HTML 172Page - Renesas Technology Corp R27 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 150 of 453
REJ09B0278-0210
14.1.3
Event Counter Mode
In event counter mode, external signal inputs to the INT1/TRAIO pin are counted (refer to Table 14.4
Specifications of Event Counter Mode).
Figure 14.7 shows the TRAIOC Register in Event Counter Mode.
NOTE:
1. The level of the output pulse becomes the level when the pulse output starts when the TRAMR
register is written to.
Table 14.4
Specifications of Event Counter Mode
Item
Specification
Count source
External signal which is input to TRAIO pin (active edge selectable by a
program)
Count operations
• Decrement
• When the timer underflows, the contents of the reload register are reloaded
and the count is continued.
Divide ratio
1/(n+1)(m+1)
n: setting value of TRAPRE register, m: setting value of TRA register
Count start condition
1 (count starts) is written to the TSTART bit in the TRACR register.
Count stop conditions
• 0 (count stops) is written to the TSTART bit in the TRACR register.
• 1 (count forcibly stops) is written to the TSTOP bit in the TRACR register.
Interrupt request
generation timing
• When timer RA underflows [timer RA interrupt].
INT1/TRAIO pin function Count source input (INT1 interrupt input)
TRAO pin function
Programmable I/O port or pulse output(1)
Read from timer
The count value can be read by reading registers TRA and TRAPRE.
Write to timer
• When registers TRAPRE and TRA are written while the count is stopped,
values are written to both the reload register and counter.
• When registers TRAPRE and TRA are written during the count, values are
written to the reload register and counter (refer to 14.1.1.1 Timer Write
Control during Count Operation).
Select functions
•INT1 input polarity switch function
The TEDGSEL bit in the TRAIOC register selects the active edge of the
count source.
• Count source input pin select function
P1_7 or P1_5 is selected by the TIOSEL bit in the TRAIOC register.
• Pulse output function
Pulses of inverted polarity can be output from the TRAO pin each time the
timer underflows (selectable by the TOENA bit in the TRAIOC register).(1)
• Digital filter function
Bits TIPF0 and TIPF1 in the TRAIOC register enable or disable the digital
filter and select the sampling frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com