Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 172Page - Renesas Technology Corp R27 Datasheet HTML 173Page - Renesas Technology Corp R27 Datasheet HTML 174Page - Renesas Technology Corp R27 Datasheet HTML 175Page - Renesas Technology Corp R27 Datasheet HTML 176Page - Renesas Technology Corp R27 Datasheet HTML 177Page - Renesas Technology Corp R27 Datasheet HTML 178Page - Renesas Technology Corp R27 Datasheet HTML 179Page - Renesas Technology Corp R27 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 157 of 453
REJ09B0278-0210
Figure 14.11
Operating Example of Pulse Period Measurement Mode
Underflow signal of
timer RA prescaler
NOTES:
1. The contents of the read-out buffer can be read by reading the TRA register in pulse period measurement mode.
2. After an active edge of the measured pulse is input, the TEDGF bit in the TRACR register is set to 1 (active edge found) when the timer
RA prescaler underflows for the second time.
3. The TRA register should be read before the next active edge is input after the TEDGF bit is set to 1 (active edge found).
The contents in the read-out buffer are retained until the TRA register is read. If the TRA register is not read before the next active edge
is input, the measured result of the previous period is retained.
4. To set to 0 by a program, use a MOV instruction to write 0 to the TEDGF bit in the TRACR register. At the same time, write 1 to the
TUNDF bit in the TRACR register.
5. To set to 0 by a program, use a MOV instruction to write 0 to the TUNDF bit. At the same time, write 1 to the TEDGF bit.
6. Bits TUNDF and TEDGF are both set to 1 if timer RA underflows and reloads on an active edge simultaneously.
0Eh 0Dh 0Fh 0Eh 0Dh 0Ch 0Bh 0Ah 09h 0Fh 0Eh 0Dh
01h 00h 0Fh 0Eh
0Fh
0Dh
0Fh
0Bh 0Ah
0Dh
01h 00h 0Fh 0Eh
09h
TSTART bit in
TRACR register
1
0
1
0
1
0
TEDGF bit in
TRACR register
1
0
Measurement pulse
(TRAIO pin input)
Contents of TRA
1
0
Contents of read-out
buffer(1)
IR bit in TRAIC
register
TUNDF bit in
TRACR register
Set to 1 by program
Starts counting
TRA reloads
TRA read(3)
Retained
Set to 0 by program
Conditions: The period from one rising edge to the next rising edge of the measured pulse is measured (TEDGSEL = 0) with
the default value of the TRA register as 0Fh.
0Eh
TRA reloads
Retained
Set to 0 when interrupt request is acknowledged, or set by program
Set to 0 by program
Underflow
(Note 2)
(Note 2)
(Note 4)
(Note 6)
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com