Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 173Page - Renesas Technology Corp R27 Datasheet HTML 174Page - Renesas Technology Corp R27 Datasheet HTML 175Page - Renesas Technology Corp R27 Datasheet HTML 176Page - Renesas Technology Corp R27 Datasheet HTML 177Page - Renesas Technology Corp R27 Datasheet HTML 178Page - Renesas Technology Corp R27 Datasheet HTML 179Page - Renesas Technology Corp R27 Datasheet HTML 180Page - Renesas Technology Corp R27 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 158 of 453
REJ09B0278-0210
14.1.6
Notes on Timer RA
• Timer RA stops counting after a reset. Set the values in the timer RA and timer RA prescalers before the
count starts.
• Even if the prescaler and timer RA are read out in 16-bit units, these registers are read 1 byte at a time by
the MCU. Consequently, the timer value may be updated during the period when these two registers are
being read.
• In pulse period measurement mode, bits TEDGF and TUNDF in the TRACR register can be set to 0 by
writing 0 to these bits by a program. However, these bits remain unchanged if 1 is written. When using the
READ-MODIFY-WRITE instruction for the TRACR register, the TEDGF or TUNDF bit may be set to 0
although these bits are set to 1 while the instruction is being executed. In this case, write 1 to the TEDGF or
TUNDF bit which is not supposed to be set to 0 with the MOV instruction.
• When changing to pulse period measurement mode from another mode, the contents of bits TEDGF and
TUNDF are undefined. Write 0 to bits TEDGF and TUNDF before the count starts.
• The TEDGF bit may be set to 1 by the first timer RA prescaler underflow generated after the count starts.
• When using the pulse period measurement mode, leave two or more periods of the timer RA prescaler
immediately after the count starts, then set the TEDGF bit to 0.
• The TCSTF bit retains 0 (count stops) for 0 to 1 cycle of the count source after setting the TSTART bit to 1
(count starts) while the count is stopped.
During this time, do not access registers associated with timer RA(1) other than the TCSTF bit. Timer RA
starts counting at the first valid edge of the count source after The TCSTF bit is set to 1 (during count).
The TCSTF bit remains 1 for 0 to 1 cycle of the count source after setting the TSTART bit to 0 (count
stops) while the count is in progress. Timer RA counting is stopped when the TCSTF bit is set to 0.
During this time, do not access registers associated with timer RA(1) other than the TCSTF bit.
NOTE:
1. Registers associated with timer RA: TRACR, TRAIOC, TRAMR, TRAPRE, and TRA.
• When the TRAPRE register is continuously written during count operation (TCSTF bit is set to 1), allow
three or more cycles of the count source clock for each write interval.
• When the TRA register is continuously written during count operation (TCSTF bit is set to 1), allow three
or more cycles of the prescaler underflow for each write interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com