Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 193Page - Renesas Technology Corp R27 Datasheet HTML 194Page - Renesas Technology Corp R27 Datasheet HTML 195Page - Renesas Technology Corp R27 Datasheet HTML 196Page - Renesas Technology Corp R27 Datasheet HTML 197Page - Renesas Technology Corp R27 Datasheet HTML 198Page - Renesas Technology Corp R27 Datasheet HTML 199Page - Renesas Technology Corp R27 Datasheet HTML 200Page - Renesas Technology Corp R27 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 178 of 453
REJ09B0278-0210
14.2.5.2
Programmable waveform generation mode
The following three workarounds should be performed in programmable waveform generation mode.
(1) To write to registers TRBPRE and TRBPR during count operation (TCSTF bit is set to 1), note the
following points:
• When the TRBPRE register is written continuously, allow three or more cycles of the count source for each
write interval.
• When the TRBPR register is written continuously, allow three or more cycles of the prescaler underflow
for each write interval.
(2) To change registers TRBPRE and TRBPR during count operation (TCSTF bit is set to 1), synchronize
the TRBO output cycle using a timer RB interrupt, etc. This operation should be preformed only once in
the same output cycle. Also, make sure that writing to the TRBPR register does not occur during period
A shown in Figures 14.24 and 14.25.
The following shows the detailed workaround examples.
• Workaround example (a):
As shown in Figure 14.24, write to registers TRBSC and TRBPR in the timer RB interrupt routine. These
write operations must be completed by the beginning of period A.
Figure 14.24
Workaround Example (a) When Timer RB interrupt is Used
TRBO pin output
Count source/
prescaler
underflow signal
Primary period
Period A
IR bit in
TRBIC register
Secondary period
(b)
Interrupt
sequence
Instruction in
interrupt routine
Interrupt request is
acknowledged
(a)
Interrupt request
is generated
Ensure sufficient time
Set the secondary and then
the primary register immediately
(a) Period between interrupt request generation and the completion of execution of an instruction. The length of time
varies depending on the instruction being executed.
The DIVX instruction requires the longest time, 30 cycles (assuming no wait states and that a register is set as
the divisor).
(b) 20 cycles. 21 cycles for address match and single-step interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com