Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 197Page - Renesas Technology Corp R27 Datasheet HTML 198Page - Renesas Technology Corp R27 Datasheet HTML 199Page - Renesas Technology Corp R27 Datasheet HTML 200Page - Renesas Technology Corp R27 Datasheet HTML 201Page - Renesas Technology Corp R27 Datasheet HTML 202Page - Renesas Technology Corp R27 Datasheet HTML 203Page - Renesas Technology Corp R27 Datasheet HTML 204Page - Renesas Technology Corp R27 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 182 of 453
REJ09B0278-0210
Figure 14.26
Timer RC Block Diagram
NOTE:
1. The pins used for TRCIOC and TRCIOD are selectable. Refer to the description of the bits
TRCIOCSEL and TRCIODSEL in the PINSR3 register in Figure 7.10 Registers PINSR1, PINSR2,
and PINSR3 for details.
Table 14.12
Timer RC I/O Pins
Pin Name
I/O
Function
TRCIOA(P1_1)
TRCIOB(P1_2)
TRCIOC(P5_3 or P3_4)(1)
TRCIOD(P5_4 or P3_5)(1)
I/O
Function differs according to the mode. Refer to descriptions
of individual modes for details
TRCCLK(P3_3)
Input
External clock input
TRCTRG(P1_1)
Input
PWM2 mode external trigger input
TRCMR register
TRCCR1 register
TRCIER register
TRCSR register
TRCIOR0 register
TRC register
TRCGRA register
TRCGRB register
TRCGRC register
TRCGRD register
TRCCR2 register
TRCDF register
TRCOER register
Timer RC control circuit
INT0
TRCCLK
Count source
select circuit
f1, f2, f4, f8, f32,
fOCO40M
Timer RC interrupt
request
TRCIOR1 register
TRCIOB
TRCIOC
TRCIOD
TRCIOA/TRCTRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com