Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 309Page - Renesas Technology Corp R28 Datasheet HTML 310Page - Renesas Technology Corp R28 Datasheet HTML 311Page - Renesas Technology Corp R28 Datasheet HTML 312Page - Renesas Technology Corp R28 Datasheet HTML 313Page - Renesas Technology Corp R28 Datasheet HTML 314Page - Renesas Technology Corp R28 Datasheet HTML 315Page - Renesas Technology Corp R28 Datasheet HTML 316Page - Renesas Technology Corp R28 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 294 of 441
REJ09B0279-0210
Figure 16.32
Operating Timing in Master Transmit Mode (I2C bus Interface Mode) (1)
Figure 16.33
Operating Timing in Master Transmit Mode (I2C bus Interface Mode) (2)
SDA
(master output)
SCL
(master output)
12
89
67
45
3
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
12
SDA
(slave output)
TDRE bit in
ICSR register
1
0
TEND bit in
ICSR register
1
0
ICDRT register
ICDRS register
R/W
Slave address
Address + R/W
Processing
by program
(2) Instruction of
start condition
generation
(3) Data write to ICDRT
register (1st byte)
A
(4) Data write to ICDRT
register (2nd byte)
(5) Data write to ICDRT
register (3rd byte)
Data 2
Address + R/W
Data 1
Data 1
SDA
(master output)
SCL
(master output)
12
89
67
45
3
b7
b6
b5
b4
b3
b2
b1
b0
SDA
(slave output)
TDRE bit in
ICSR register
1
0
TEND bit in
ICSR register
1
0
ICDRT register
ICDRS register
Data n
Processing
by program
(6) Generate stop condition and
set TEND bit to 0
(3) Data write to ICDRT
register
A/A
(7) Set to slave receive mode
9
A
Data n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com