Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 310Page - Renesas Technology Corp R28 Datasheet HTML 311Page - Renesas Technology Corp R28 Datasheet HTML 312Page - Renesas Technology Corp R28 Datasheet HTML 313Page - Renesas Technology Corp R28 Datasheet HTML 314Page - Renesas Technology Corp R28 Datasheet HTML 315Page - Renesas Technology Corp R28 Datasheet HTML 316Page - Renesas Technology Corp R28 Datasheet HTML 317Page - Renesas Technology Corp R28 Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 295 of 441
REJ09B0279-0210
16.3.3.3
Master Receive Operation
In master receive mode, the master device outputs the receive clock, receives data from the slave device, and
returns an acknowledge signal.
Figures 16.34 and 16.35 show the Operating Timing in Master Receive Mode (I2C bus Interface Mode).
The receive procedure and operation in master receive mode are shown below.
(1) After setting the TEND bit in the ICSR register to 0, switch from master transmit mode to master
receive mode by setting the TRS bit in the ICCR1 register to 0. Also, set the TDRE bit in the ICSR
register to 0.
(2) When performing the dummy read of the ICDRR register and starting the receive operation, the receive
clock is output in synchronization with the internal clock and data is received. The master device
outputs the level set by the ACKBT bit in the ICIER register to the SDA pin at the rising edge of the 9th
clock cycle of the receive clock.
(3) The 1-frame data receive is completed and the RDRF bit in the ICSR register is set to 1 at the rise of the
9th clock cycle. At this time, when reading the ICDRR register, the received data can be read and the
RDRF bit is set to 0 simultaneously.
(4) Continuous receive operation is enabled by reading the ICDRR register every time the RDRF bit is set
to 1. If the 8th clock cycle falls after the ICDRR register is read by another process while the RDRF bit
is set to 1, the SCL signal is fixed “L” until the ICDRR register is read.
(5) If the next frame is the last receive frame and the RCVD bit in the ICCR1 register is set to 1 (disables
the next receive operation) before reading the ICDRR register, stop condition generation is enabled after
the next receive operation.
(6) When the RDRF bit is set to 1 at the rise of the 9th clock cycle of the receive clock, generate the stop
condition.
(7) When the STOP bit in the ICSR register is set to 1, read the ICDRR register and set the RCVD bit to 0
(maintain the following receive operation).
(8) Return to slave receive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com