Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 320Page - Renesas Technology Corp R28 Datasheet HTML 321Page - Renesas Technology Corp R28 Datasheet HTML 322Page - Renesas Technology Corp R28 Datasheet HTML 323Page - Renesas Technology Corp R28 Datasheet HTML 324Page - Renesas Technology Corp R28 Datasheet HTML 325Page - Renesas Technology Corp R28 Datasheet HTML 326Page - Renesas Technology Corp R28 Datasheet HTML 327Page - Renesas Technology Corp R28 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 305 of 441
REJ09B0279-0210
16.3.4.3
Receive Operation
In receive mode, data is latched at the rising edge of the transfer clock. The transfer clock is output when the
MST bit in the ICCR1 register is set to 1 and input when the MST bit is set to 0.
Figure 16.42 shows the Operating Timing in Receive Mode (Clock Synchronous Serial Mode).
The receive procedure and operation in receive mode are as follows.
(1) Set the ICE bit in the ICCR1 register to 1 (transfer operation enabled). Set bits CKS0 to CKS3 in the
ICCR1 register and set the MST bit (initial setting).
(2) The output of the receive clock starts when the MST bit is set to 1 while the transfer clock is being
output.
(3) Data is transferred from registers ICDRS to ICDRR and the RDRF bit in the ICSR register is set to 1,
when the receive operation is completed. Since the next byte of data is enabled when the MST bit is set
to 1, the clock is output continuously. Continuous reception is enabled by reading the ICDRR register
every time the RDRF bit is set to 1. An overrun is detected at the rise of the 8th clock cycle while the
RDRF bit is set to 1, and the AL bit in the ICSR register is set to 1. At this time, the last receive data is
retained in the ICDRR register.
(4) When the MST bit is set to 1, set the RCVD bit in the ICCR1 register to 1 (disables the next receive
operation) and read the ICDRR register. The SCL signal is fixed “H” after reception of the following
byte of data is completed.
Figure 16.42
Operating Timing in Receive Mode (Clock Synchronous Serial Mode)
SDA
(input)
SCL
8
7
b7
b1
b0
12
ICDRR register
ICDRS register
Processing
by program
17
81
b6
b7
b0
b6
b0
RDRF bit in
ICSR register
1
0
MST bit in
ICCR1 register
1
0
Data 1
Data 2
(2) Set MST bit to 1
(when transfer clock is output)
(3) Read ICDRR register
2
TRS bit in
ICCR1 register
1
0
Data 2
Data 3
Data 1
(3) Read ICDRR register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com