Electronic Components Datasheet Search
  English  ▼

X  

TLE7469 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7469 Datasheet HTML 2Page - Infineon Technologies AG TLE7469 Datasheet HTML 3Page - Infineon Technologies AG TLE7469 Datasheet HTML 4Page - Infineon Technologies AG TLE7469 Datasheet HTML 5Page - Infineon Technologies AG TLE7469 Datasheet HTML 6Page - Infineon Technologies AG TLE7469 Datasheet HTML 7Page - Infineon Technologies AG TLE7469 Datasheet HTML 8Page - Infineon Technologies AG TLE7469 Datasheet HTML 9Page - Infineon Technologies AG TLE7469 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Data Sheet
6
Rev. 1.6, 2008-01-22
TLE 7469
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit. Integrated protection functions
are designed to prevent IC destruction under fault conditions. Fault conditions are
considered as outside normal operating range. Protections functions are not
designed for continuous repetitive operation.
Watchdog Input WDI
Voltage
V
WDI
-0.3
5.5
V
Permanent
Voltage
V
WDI
-0.3
6.2
V
t < 10 s1)
Current
I
WDI
–
–
mA
internally limited
Sense Input SI
Voltage
V
SI
-0.3
45
V
Observe current limit
I
SImax
2)
Current
I
SI
-1
1
mA
–
Sense Output SO
Voltage
V
SO
-0.3
5.5
V
Permanent
Voltage
V
SO
-0.3
6.2
V
t < 10 s1)
Current
I
SO
–
–
mA
internally limited
Temperatures
Junction temperature
T
j
–150
°C–
Storage temperature
T
stg
-50
150
°C–
1) Exposure to these absolute maximum ratings for extended periods (
t > 10 s) may affect device reliability.
2) External resistor required to keep current below absolute maximum rating when voltages
≥ 5.5 V are applied.
Table 2
Absolute Maximum Ratings (cont’d)
-40
°C < T
j < 150 °C
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com