Electronic Components Datasheet Search
  English  ▼

X  

TLE7469 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7469 Datasheet HTML 4Page - Infineon Technologies AG TLE7469 Datasheet HTML 5Page - Infineon Technologies AG TLE7469 Datasheet HTML 6Page - Infineon Technologies AG TLE7469 Datasheet HTML 7Page - Infineon Technologies AG TLE7469 Datasheet HTML 8Page - Infineon Technologies AG TLE7469 Datasheet HTML 9Page - Infineon Technologies AG TLE7469 Datasheet HTML 10Page - Infineon Technologies AG TLE7469 Datasheet HTML 11Page - Infineon Technologies AG TLE7469 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
8
Rev. 1.6, 2008-01-22
TLE 7469
Table 4
Electrical Characteristics
V
I1 = 13.5 V; VI2 = 13.5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Output Q1
Output voltage
V
Q1
4.90
5.0
5.10
V
1 mA <
I
Q1 < 215 mA,
6 V <
V
I1 < 16 V
Output current
limitation
I
Q1
320
–
700
mA
V
Q1 = 4.0 V
Output drop voltage;
V
DRQ1 = VI1 - VQ1
V
DRQ1
–
300
600
mV
I
Q1 = 215 mA
1)
Load regulation
∆V
Q1,Lo
–25
60
mV
1 mA <
I
Q1 < 215 mA
Line regulation
∆V
Q1,Li
–20
50
mV
I
Q1 = 1 mA,
10 V <
V
I < 28 V
Power Supply Ripple
Rejection
PSRR
–60
–
dB
f
r = 100 Hz,
V
r = 1 Vpp
Reverse Output
Current Protection
V
Q,REV
––
5.5
V
I
Q,REV = 1 mA,
V
INH = 0 V
Output Q2
Output voltage
V
Q2
2.50
2.60
2.70
V
1 mA <
I
Q2 < 200 mA,
6 V <
V
I2 < 16 V,
TLE 7469 GV52
Output voltage
V
Q2
3.20
3.30
3.40
V
1 mA <
I
Q2 < 200 mA,
6 V <
V
I2 < 16 V,
TLE 7469 GV53
Absolute differential
voltage
V
Q1 - VQ2
-0.5
–
3.0
V
V
Q1, VQ2 > 1 V
Output current
limitation
I
Q2
300
–
550
mA
V
Q2 = 2.0 V
Load regulation
∆V
Q2,Lo
–25
60
mV
1 mA <
I
Q2 < 200 mA
Line regulation
∆V
Q22,Li
–20
50
mV
I
Q2 = 1 mA,
10 V <
V
I < 28 V
Power Supply Ripple
Rejection
PSRR
–60
–
dB
f
r = 100 Hz,
V
r = 1 Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com