Electronic Components Datasheet Search
  English  ▼

X  

TLE7469 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7469 Datasheet HTML 13Page - Infineon Technologies AG TLE7469 Datasheet HTML 14Page - Infineon Technologies AG TLE7469 Datasheet HTML 15Page - Infineon Technologies AG TLE7469 Datasheet HTML 16Page - Infineon Technologies AG TLE7469 Datasheet HTML 17Page - Infineon Technologies AG TLE7469 Datasheet HTML 18Page - Infineon Technologies AG TLE7469 Datasheet HTML 19Page - Infineon Technologies AG TLE7469 Datasheet HTML 20Page - Infineon Technologies AG TLE7469 Datasheet HTML 21Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TLE 7469
Data Sheet
17
Rev. 1.6, 2008-01-22
the closed window is interpreted as a pretrigger failure and results in a reset. After the
closed window the open window with the duration
t
OW is started again. The open window
lasts at minimum until the trigger process has occurred, at maximum
t
OW is 32 ms (typ.
value with fast timing).
A HIGH to LOW transition of the watchdog trigger signal on pin WDI is taken as a trigger.
To avoid wrong triggering due to parasitic glitches two HIGH samples followed by two
LOW samples (sample period
t
sam typ. 0.25 ms) are decoded as a valid trigger (see
Figure 8). A reset is generated (RO goes LOW) if there is no trigger pulse during the
open window or if a pretrigger occurs during the closed window. The triggering is correct
also, if the first three samples (two HIGH one LOW) of the trigger pulse at pin WDI are
inside the closed window and only the fourth sample (the second LOW sample) is taken
in the open window.
Figure 6
Window Watchdog State Diagram
AEA03533.VSD
No Trigger
Closed
Window
Open
Window
Trigger
Reset
Ignore
Window
Always
Always
No Trigger During
Open Window
Trigger During
Closed Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com