Electronic Components Datasheet Search
  English  ▼

X  

TLE7469 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7469 Datasheet HTML 13Page - Infineon Technologies AG TLE7469 Datasheet HTML 14Page - Infineon Technologies AG TLE7469 Datasheet HTML 15Page - Infineon Technologies AG TLE7469 Datasheet HTML 16Page - Infineon Technologies AG TLE7469 Datasheet HTML 17Page - Infineon Technologies AG TLE7469 Datasheet HTML 18Page - Infineon Technologies AG TLE7469 Datasheet HTML 19Page - Infineon Technologies AG TLE7469 Datasheet HTML 20Page - Infineon Technologies AG TLE7469 Datasheet HTML 21Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Data Sheet
20
Rev. 1.6, 2008-01-22
TLE 7469
Revision History
Version
Date
Changes
Rev. 1.6
2008-01-22 Initial version of RoHS-compliant derivate of TLE 7469
Page 1: AEC certified statement added.
Page 1 and Page 19: RoHS compliance statement and
Green product feature added.
Page 1 and Page 19: Package changed to RoHS compliant
version.
Rev. 1.5
2007-05-07 Modifications according to PCN No. 2007-070-A
•
Page 8: Parameter “Output current limitation
I
Q2” :
Max. Value modified from 500mA to 550mA.
•
Page 3, Fig. 1 modified: RO pullup to Q1 instead to Q2.
•
Legal disclaimer updated.
Rev. 1.4
2005-07-15 Final Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com