Electronic Components Datasheet Search
  English  ▼

X  

TLE7469 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7469 Datasheet HTML 7Page - Infineon Technologies AG TLE7469 Datasheet HTML 8Page - Infineon Technologies AG TLE7469 Datasheet HTML 9Page - Infineon Technologies AG TLE7469 Datasheet HTML 10Page - Infineon Technologies AG TLE7469 Datasheet HTML 11Page - Infineon Technologies AG TLE7469 Datasheet HTML 12Page - Infineon Technologies AG TLE7469 Datasheet HTML 13Page - Infineon Technologies AG TLE7469 Datasheet HTML 14Page - Infineon Technologies AG TLE7469 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TLE 7469
Data Sheet
11
Rev. 1.6, 2008-01-22
Input Voltage Sense
Sense threshold high
V
SIH
1.10
1.16
1.22
V
V
SI increasing (see
Figure 4)
Sense threshold low
V
SIL
1.06
1.12
1.18
V
V
SI decreasing (see
Figure 4)
Sense output low
voltage
V
SOL
–0.1
0.4
V
V
SI < 1.01 V;
V
I1 > 4.20 V;
I
SO = 0.5 mA
External SO pull-up
resistor
R
SO ext
9.2
–
–
k
Ω
V
Q1 = 5V
Sense input current
I
SI
-
10.1
1
µA
V
SI = 5 V
Sense high reaction
time
t
pd SO LH
–4.0
–
µs–
Sense low reaction
time
t
pd SO HL
–4.0
–
µs–
1) Measured when the output voltage has dropped 100 mV from the nominal Value obtained at
V
I1 = 13.5 V,
V
I2 = 13.5 V.
2) Watchdog off, Reset in slow mode.
3) Specified by design, not subject of production test.
4) Specified by design, not subject of production test.
Table 4
Electrical Characteristics (cont’d)
V
I1 = 13.5 V; VI2 = 13.5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com