Electronic Components Datasheet Search
  English  ▼

X  

TLE7469 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7469 Datasheet HTML 8Page - Infineon Technologies AG TLE7469 Datasheet HTML 9Page - Infineon Technologies AG TLE7469 Datasheet HTML 10Page - Infineon Technologies AG TLE7469 Datasheet HTML 11Page - Infineon Technologies AG TLE7469 Datasheet HTML 12Page - Infineon Technologies AG TLE7469 Datasheet HTML 13Page - Infineon Technologies AG TLE7469 Datasheet HTML 14Page - Infineon Technologies AG TLE7469 Datasheet HTML 15Page - Infineon Technologies AG TLE7469 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Data Sheet
12
Rev. 1.6, 2008-01-22
TLE 7469
Application Information
Figure 3
Application Diagram with Typical External Components
A typical application of the TLE 7469 is shown in Figure 3. To prevent the regulation
loop from oscillating a ceramic capacitor of
C
Q1/2 ≥ 1 µF is required at each of the outputs
Q1 and Q2. In contrast to most low drop voltage regulators the TLE 7469 only needs
moderate capacitance at the outputs and tolerates ceramic capacitors to keep the
stability. This offers more design flexibility to the circuit designer enabling the IC also to
operate without tantalum capacitors.
Additional a buffer capacitor C
B of > 10µF should be used for each output Q1 and Q2 to
suppress influences from load surges to the voltage levels. This one can either be an
aluminum electrolytic capacitor or a tantalum capacitor following the application
requirements.
A general recommendation is to keep the drop over the equivalent serial resistor (ESR)
together with the discharge of the blocking capacitor below the Reset Headroom (e.g.
min. 130mV for the 2.6V Output).
AEA03529_2.VSD
TLE 7469
Q2
DT
WDI
RO
SO
Q1
XC 164
1 µF
47
µF
10 k
Ω
1 µF
47
µF
100 nF
R
Vi *
100 k
Ω
I2
INH
SI
100 nF
V
Bat
47
µF
e. g.
Ignition
Key
I1
GND
= Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com