Electronic Components Datasheet Search
  English  ▼

X  

PCK946 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK946
Description  Low voltage 1 : 10 CMOS clock driver 3-stateable outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK946 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK946 Datasheet HTML 1Page - NXP Semiconductors PCK946 Datasheet HTML 2Page - NXP Semiconductors PCK946 Datasheet HTML 3Page - NXP Semiconductors PCK946 Datasheet HTML 4Page - NXP Semiconductors PCK946 Datasheet HTML 5Page - NXP Semiconductors PCK946 Datasheet HTML 6Page - NXP Semiconductors PCK946 Datasheet HTML 7Page - NXP Semiconductors PCK946 Datasheet HTML 8Page - NXP Semiconductors PCK946 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
9397 750 12296
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 December 2005
3 of 13
Philips Semiconductors
PCK946
Low voltage 1 : 10 CMOS clock driver
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration for LQFP32
PCK946BD
TCLK_SEL
GND
VCCI
QB0
TCLK0
VCC
TCLK1
QB1
DSELA
GND
DSELB
QB2
DSELC
VCC
GNDI
VCC
002aaa677
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Table 2:
Pin description
Symbol
Pin
Description
DSELA, DSELB, DSELC
5, 6, 7
output bank divide select input
GND
11, 15, 20, 24,
27, 31
ground
GNDI
8
ground
MR/OE
32
internal reset and output (high-impedance) control
QA0, QA1, QA2
30, 28, 26
bank A outputs
QB0, QB1, QB2
23, 21, 19
bank B outputs
QC0, QC1, QC2, QC3
10, 12, 14, 16
bank C outputs
TCLK_SEL
1
CMOS clock select input
TCLK0, TCLK1
3, 4
CMOS clock inputs
VCC
9, 13, 17, 18,
22, 25, 29
supply voltage
VCCI
2
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com