Electronic Components Datasheet Search
  English  ▼

X  

PCK946 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK946
Description  Low voltage 1 : 10 CMOS clock driver 3-stateable outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK946 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK946 Datasheet HTML 1Page - NXP Semiconductors PCK946 Datasheet HTML 2Page - NXP Semiconductors PCK946 Datasheet HTML 3Page - NXP Semiconductors PCK946 Datasheet HTML 4Page - NXP Semiconductors PCK946 Datasheet HTML 5Page - NXP Semiconductors PCK946 Datasheet HTML 6Page - NXP Semiconductors PCK946 Datasheet HTML 7Page - NXP Semiconductors PCK946 Datasheet HTML 8Page - NXP Semiconductors PCK946 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
9397 750 12296
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 December 2005
5 of 13
Philips Semiconductors
PCK946
Low voltage 1 : 10 CMOS clock driver
8.
Static characteristics
[1]
The PCK946 can drive 50
Ω transmission lines on the incident edge. Each output can drive one 50 Ω parallel terminated transmission
line to the termination voltage of VT = 0.5VCC. Alternately, the device drives up to two 50 Ω series terminated transmission lines.
[2]
II current is a result of internal pull-up/pull-down resistors.
9.
Dynamic characteristics
[1]
Driving 50
Ω transmission lines.
[2]
Termination is 50
Ω to 0.5VCC.
[3]
Part-to-part skew at a given temperature and voltage.
Table 7:
Static characteristics
Tamb =0 °Cto+70 °C; VCC = 3.3 V ± 0.3 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-state input voltage
2.0
-
3.6
V
VIL
LOW-state input voltage
-
-
0.8
V
VOH
HIGH-state output voltage
IOH = −20 mA
[1] 2.5
-
-
V
VOL
LOW-state output voltage
IOL =20mA
[1] -
-
0.4
V
II
input current
[2] --
±120
µA
Ci
input capacitance
-
-
4
pF
CPD
power dissipation capacitance
per output
-
25
-
pF
Iq(max)
maximum quiescent supply current
-
1
2
mA
Table 8:
Dynamic characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fmax
maximum input clock frequency
[1] 150
-
-
MHz
tPLH
LOW-to-HIGH propagation delay
TCLK to Qn
[1] [2] 4.5
7.5
11.5
ns
tPHL
HIGH-to-LOW propagation delay
TCLK to Qn
[1] [2] 4.5
7.5
11.5
ns
tsk(o)
output skew time
output-to-output
[1] [2]
fmax < 100 MHz;
same frequency outputs
-
-
350
ps
fmax < 100 MHz;
different frequency outputs
-
-
350
ps
fmax > 100 MHz;
same frequency outputs
-
-
350
ps
fmax > 100 MHz;
different frequency outputs
-
-
450
ps
tsk(pr)
process skew time
part-to-part
[3] -
2.0
4.5
ns
tPZL
OFF-state to LOW propagation delay
[2] -
3
11
ns
tPZH
OFF-state to HIGH propagation delay
[2] -
3
11
ns
tPLZ
LOW to OFF-state propagation delay
[2] -
3
11
ns
tPHZ
HIGH to OFF-state propagation delay
[2] -
3
11
ns
tr
rise time
output; 0.8 V to 2.0 V
[2] 0.1
0.5
1.0
ns
tf
fall time
output; 2.0 V to 0.8 V
[2] 0.1
0.5
1.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com