Electronic Components Datasheet Search
  English  ▼

X  

PCK946 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK946
Description  Low voltage 1 : 10 CMOS clock driver 3-stateable outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK946 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK946 Datasheet HTML 1Page - NXP Semiconductors PCK946 Datasheet HTML 2Page - NXP Semiconductors PCK946 Datasheet HTML 3Page - NXP Semiconductors PCK946 Datasheet HTML 4Page - NXP Semiconductors PCK946 Datasheet HTML 5Page - NXP Semiconductors PCK946 Datasheet HTML 6Page - NXP Semiconductors PCK946 Datasheet HTML 7Page - NXP Semiconductors PCK946 Datasheet HTML 8Page - NXP Semiconductors PCK946 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
General description
The PCK946 is a low voltage CMOS 1 : 10 clock buffer. The 10 outputs can be configured
into a standard fan-out buffer or into 1
× and 1⁄
2× combinations. The ten outputs were
designed and optimized to drive 50
Ω series or parallel terminated transmission lines.
With output-to-output skews of 350 ps, the PCK946 is ideal as a clock distribution chip for
synchronous systems which need a tight level of skew from a large number of outputs.
With an output impedance of approximately 7
Ω, in both the HIGH and LOW logic states,
the output buffers of the PCK946 are ideal for driving series terminated transmission lines.
More specifically, each of the 10 PCK946 outputs can drive two series terminated
transmission lines. With this capability, the PCK946 has an effective fan-out of 1 : 20 in
applications using point-to-point distribution schemes.
The PCK946 has the capability of generating 1
× and 1⁄
2× signals from a 1× source. The
design is fully static; the signals are generated and re-timed inside the chip to ensure
minimal skew between the 1
× and 1⁄
2× signals. The device features selectability to allow
the user to select the ratio of 1
× outputs to 1⁄
2× outputs.
Two independent LVCMOS/LVTTL compatible clock inputs are available. Designers can
take advantage of this feature to provide redundant clock sources or the addition of a test
clock into the system design. With the TCLK_SEL input pulled HIGH, the TCLK1 input is
selected.
All of the control inputs are LVCMOS/LVTTL compatible. The DSELn pins choose
between 1
× and 1⁄
2× outputs. A LOW on the DSELn pins will select the 1× output. The
MR/OE input will reset the internal flip-flops and 3-state the outputs when it is forced
HIGH.
The PCK946 is fully 3.3 V compatible. The 32-lead LQFP package was chosen to
optimize performance, board space, and cost of the device. The 32-lead LQFP package
has a 7 mm
× 7 mm body size with a conservative 0.8 mm pin spacing.
2.
Features
s 2 selectable LVCMOS/LVTTL clock inputs
s 350 ps output-to-output skew
s Drives up to 20 series terminated independent clock lines
s Maximum input/output frequency of 150 MHz
s 3-stateable outputs
s 32-lead LQFP packaging
s 3.3 V VCC supply voltage
PCK946
Low voltage 1 : 10 CMOS clock driver
Rev. 01 — 13 December 2005
Product data sheet


Similar Part No. - PCK946

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
PCK940LBD PHILIPS-PCK940LBD Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
PCK942C NXP-PCK942C Datasheet
69Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
PCK942CBD NXP-PCK942CBD Datasheet
69Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
More results

Similar Description - PCK946

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC946 MOTOROLA-MPC946 Datasheet
98Kb / 6P
LOW VOLTAGE 1:10 CMOS CLOCK DRIVER
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
3.3V 1:10 CMOS Clock Driver
logo
Texas Instruments
CDCLVD110 TI-CDCLVD110 Datasheet
144Kb / 10P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Analog Devices
ADN4670 AD-ADN4670 Datasheet
170Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. 0
ADN4670BSTZ AD-ADN4670BSTZ Datasheet
241Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
logo
Texas Instruments
CDCLVD110AVF TI-CDCLVD110AVF Datasheet
853Kb / 18P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110 TI1-CDCLVD110_12 Datasheet
519Kb / 13P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com