Electronic Components Datasheet Search
  English  ▼

X  

PCK946 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK946
Description  Low voltage 1 : 10 CMOS clock driver 3-stateable outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK946 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK946 Datasheet HTML 3Page - NXP Semiconductors PCK946 Datasheet HTML 4Page - NXP Semiconductors PCK946 Datasheet HTML 5Page - NXP Semiconductors PCK946 Datasheet HTML 6Page - NXP Semiconductors PCK946 Datasheet HTML 7Page - NXP Semiconductors PCK946 Datasheet HTML 8Page - NXP Semiconductors PCK946 Datasheet HTML 9Page - NXP Semiconductors PCK946 Datasheet HTML 10Page - NXP Semiconductors PCK946 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
9397 750 12296
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 December 2005
7 of 13
Philips Semiconductors
PCK946
Low voltage 1 : 10 CMOS clock driver
At the load end the voltage will double, due to the near unity reflection coefficient, to 2.8 V.
It will then increment towards the quiescent 3.0 V in steps separated by one round trip
delay (in this case 4.0 ns).
Since this step is well above the threshold region it will not cause any false clock
triggering, however designers may be uncomfortable with unwanted reflections on the
line. To better match the impedances when driving multiple lines the situation in Figure 5
should be used. In this case the series terminating resistors are reduced such that when
the parallel combination is added to the output buffer impedance the line impedance is
perfectly matched.
SPICE level output buffer models are available for engineers who want to simulate their
specific interconnect schemes. In addition IV characteristics are in the process of being
generated to support the other board level simulators in general use.
Fig 4.
Single versus dual waveforms
7
Ω +36 Ω|| 36 Ω =50 Ω|| 50 Ω
25
Ω =25 Ω
Fig 5.
Optimized dual line termination
time (ns)
016
12
48
002aaa679
3.0
voltage
(V)
−0.5
0
1.0
2.0
IN
OutA
td = 3.8956 ns
OutB
td = 3.9386 ns
Zo = 50 Ω
002aaa680
Rs = 36 Ω
Zo = 50 Ω
Rs = 36 Ω
PCK946
OUTPUT
BUFFER
7
Ω
IN
Zo = 50 Ω
Ro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com