Electronic Components Datasheet Search
  English  ▼

X  

PCK946 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK946
Description  Low voltage 1 : 10 CMOS clock driver 3-stateable outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK946 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK946 Datasheet HTML 2Page - NXP Semiconductors PCK946 Datasheet HTML 3Page - NXP Semiconductors PCK946 Datasheet HTML 4Page - NXP Semiconductors PCK946 Datasheet HTML 5Page - NXP Semiconductors PCK946 Datasheet HTML 6Page - NXP Semiconductors PCK946 Datasheet HTML 7Page - NXP Semiconductors PCK946 Datasheet HTML 8Page - NXP Semiconductors PCK946 Datasheet HTML 9Page - NXP Semiconductors PCK946 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
9397 750 12296
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 December 2005
6 of 13
Philips Semiconductors
PCK946
Low voltage 1 : 10 CMOS clock driver
10. Application information
10.1 Driving transmission lines
The PCK946 clock driver was designed to drive high speed signals in a terminated
transmission line environment. To provide the optimum flexibility to the user the output
drivers were designed to exhibit the lowest impedance possible. With an output
impedance of approximately 10
Ω the drivers can drive either parallel or series terminated
transmission lines.
In most high performance clock networks point-to-point distribution of signals is the
method of choice. In a point-to-point scheme either series terminated or parallel
terminated transmission lines can be used. The parallel technique terminates the signal at
the end of the line with a 50
Ω resistance to 0.5V
CC. This technique draws a fairly high
level of DC current and thus only a single terminated line can be driven by each output of
the PCK946 clock driver. For the series terminated case however there is no DC current
draw, thus the outputs can drive multiple series terminated lines. Figure 3, illustrates an
output driving a single series terminated line versus two series terminated lines in parallel.
When taken to its extreme the fan-out of the PCK946 clock driver is effectively doubled
due to its capability to drive multiple lines.
The waveform plots of Figure 4 show simulation results of an output driving a single line
versus two lines. In both cases the drive capability of the PCK946 output buffers is more
than sufficient to drive 50
Ω transmission lines on the incident edge. Note from the delay
measurements in the simulations a delta of only 43 ps exists between the two differently
loaded outputs. This suggests that the dual line driving need not be used exclusively to
maintain the tight output-to-output skew of the PCK946. The output waveform in Figure 4
shows a step in the waveform, this step is caused by the impedance mismatch seen
looking into the driver. The parallel combination of the 43
Ω series resistor plus the output
impedance does not match the parallel combination of the line impedances. The voltage
wave launched down the two lines will equal:
Fig 3.
Single versus dual transmission lines
Zo = 50 Ω
002aaa678
Rs = 43 Ω
Zo = 50 Ω
Rs = 43 Ω
PCK946
OUTPUT
BUFFER
OutB1
OutB0
7
Ω
Zo = 50 Ω
Rs = 43 Ω
PCK946
OUTPUT
BUFFER
OutA
7
Ω
IN
IN
Ro
Ro
V
L
V
S
Z
o
R
s
R
o
Z
o
++
------------------------------


3.0
25
53.5
----------


1.40 V
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com