Electronic Components Datasheet Search
  English  ▼

X  

PCK946 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK946
Description  Low voltage 1 : 10 CMOS clock driver 3-stateable outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK946 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK946 Datasheet HTML 1Page - NXP Semiconductors PCK946 Datasheet HTML 2Page - NXP Semiconductors PCK946 Datasheet HTML 3Page - NXP Semiconductors PCK946 Datasheet HTML 4Page - NXP Semiconductors PCK946 Datasheet HTML 5Page - NXP Semiconductors PCK946 Datasheet HTML 6Page - NXP Semiconductors PCK946 Datasheet HTML 7Page - NXP Semiconductors PCK946 Datasheet HTML 8Page - NXP Semiconductors PCK946 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
9397 750 12296
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 December 2005
4 of 13
Philips Semiconductors
PCK946
Low voltage 1 : 10 CMOS clock driver
6.
Functional description
6.1 Function table
7.
Limiting values
Table 3:
TCLK_SEL function table
TCLK_SEL
Input
0
TCLK0
1
TCLK1
Table 4:
DSELn function table
DSELn
Outputs
01
×
1
1
⁄
2×
Table 5:
MR/OE function table
MR/OE
Outputs
0
enabled
1
high-impedance
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+4.6
V
VI
input voltage
−0.3
VCC + 0.3
V
II
input current
CMOS inputs
-
±20
mA
Tstg
storage temperature
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com