Electronic Components Datasheet Search
  English  ▼

X  

PCK946 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCK946
Description  Low voltage 1 : 10 CMOS clock driver 3-stateable outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK946 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCK946 Datasheet HTML 5Page - NXP Semiconductors PCK946 Datasheet HTML 6Page - NXP Semiconductors PCK946 Datasheet HTML 7Page - NXP Semiconductors PCK946 Datasheet HTML 8Page - NXP Semiconductors PCK946 Datasheet HTML 9Page - NXP Semiconductors PCK946 Datasheet HTML 10Page - NXP Semiconductors PCK946 Datasheet HTML 11Page - NXP Semiconductors PCK946 Datasheet HTML 12Page - NXP Semiconductors PCK946 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
9397 750 12296
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 December 2005
11 of 13
Philips Semiconductors
PCK946
Low voltage 1 : 10 CMOS clock driver
[4]
These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the
solder cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink
on the top side, the solder might be deposited on the heatsink surface.
[5]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[6]
Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[7]
Wave soldering is suitable for SSOP, TSSOP, VSO and VSSOP packages with a pitch (e) equal to or larger
than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
[8]
Image sensor packages in principle should not be soldered. They are mounted in sockets or delivered
pre-mounted on flex foil. However, the image sensor package can be mounted by the client on a flex foil by
using a hot bar soldering process. The appropriate soldering profile can be provided on request.
[9]
Hot bar soldering or manual soldering is suitable for PMFP packages.
13. Abbreviations
14. Revision history
Table 10:
Abbreviations
Acronym
Description
CMOS
Complementary Metal Oxide Silicon
LVCMOS
Low Voltage Complementary Metal Oxide Silicon
LVTTL
Low Voltage Transistor-Transistor Logic
Table 11:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
PCK946_1
20051213
Product data sheet
-
9397 750 12296
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com