Electronic Components Datasheet Search
  English  ▼

X  

33932 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33932
Description  5.0 A Throttle Control H-Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33932 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33932 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33932
PIN CONNECTIONS
14-16
OUT4
Power
Output
H-Bridge Output 4
H-bridge B Source of high side MOSFET2 and drain of low side MOSFET2.
17,18,26-28
VPWRB
Power Input
Positive Power
Supply
These pins must be connected together physically as close as possible and
directly soldered down to a wide, thick, low resistance supply plane on the PCB.
19
CCPB
Analog
Output
Charge Pump
Capacitor
External reservoir capacitor connection for H-bridge B internal charge pump;
connected to VPWRB. Allowable values are 30 to 100 nF. Note: This capacitor
is required for the proper performance of the device.
20
IN4
Logic Input
Input 4
Logic input control of OUT4.
21
IN3
Logic Input
Input 3
Logic input control of OUT3.
22
SFB
Logic
Output -
Open Drain
Status Flag B
(Active Low)
H-bridge B open drain active LOW Status Flag output (requires an external pull-
up resistor to VDD. Maximum permissible load current < 0.5 mA. Maximum
VCEsat < 0.4 V @ 0.3 mA. Maximum permissible pull-up voltage < 7.0 V.)
23
D3
Logic Input
Disable Input 3
(Active High)
When D3 is logic HIGH, both OUT3 and OUT4 are tri-stated. Schmitt trigger
input with ~80
μA source so default condition = disabled.
24
FBB
Analog
Output
Feedback B
H-bridge B load current feedback output provides ground referenced 0.24% of
the high side output current. (Tie to GND through a resistor if not used.)
25
EN/D4
Logic Input
Enable Input
When EN/D4 is logic HIGH, H-bridge B is operational. When EN/D4 is logic
LOW, the H-bridge B outputs are tri-stated and H-bridge B is placed in Sleep
Mode. (logic input with ~80
μA sink so default condition = Sleep Mode.)
29-31
OUT3
Power
Output
H-Bridge Output 3
H-bridge B Source of high side MOSFET1 and drain of low side MOSFET1.
36-38
OUT2
Power
Output
H-Bridge Output 2
H-Bridge A source of high side MOSFET2 and drain of low side MOSFET2.
41
CCPA
Analog
Output
Charge Pump
Capacitor
External reservoir capacitor connection for H-bridge A internal charge pump;
connected to VPWRA. Allowable values are 30 to 100 nF. Note: This capacitor
is required for the proper performance of the device.
42
IN2
Logic Input
Input 2
Logic input control of OUT2.
43
IN1
Logic Input
Input 1
Logic input control of OUT1; e.g., when IN1 is logic HIGH, OUT1 is set to
VPWRA, and when IN1 is logic LOW, OUT1 is set to PGNDA. (Schmitt trigger
Input with ~80
μA source so default condition = OUT1 HIGH.)
44
SFA
Logic
Output -
Open Drain
Status Flag
(Active Low)
H-Bridge A open drain active LOW Status Flag output (requires an external
pull-up resistor to VDD. Maximum permissible load current < 0.5 mA. Maximum
VCEsat < 0.4 V @ 0.3 mA. Maximum permissible pull-up voltage < 7.0 V.)
TAB
AGNDA
AGNDB
Analog
Ground
Analog Signal
Ground
The low-current analog signal ground must be connected to PGND via low-
impedance path (<<10 m
Ω, 0 Hz to 20 kHz). Exposed TAB is also the main
heatsinking path for the device.
Table 1. 33932 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Description section beginning on page 11.
Pin
Pin Name
Pin
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com