Electronic Components Datasheet Search
  English  ▼

X  

33932 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33932
Description  5.0 A Throttle Control H-Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33932 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33932 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33932
REVISION HISTORY
REVISION HISTORY
REVISION DATE
DESCRIPTION
1.0
8/2007
• Initial Release
2.0
8/2008
• Added parameters (TBD) for Change Pump Voltages in Table 3.
3.0
11/2008 • Changed maximum RDS(ON) from 225 to 235mΩ.
• Changed Peak Package Reflow Temperature During Reflow(7), (8)
• Changed Approximate Junction-to Case Thermal Resistance(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com