Electronic Components Datasheet Search
  English  ▼

X  

33932 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33932
Description  5.0 A Throttle Control H-Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33932 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33932 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33932
TYPICAL APPLICATIONS
INTRODUCTION
TYPICAL APPLICATIONS
INTRODUCTION
A typical application schematic is shown in Figure 14. For
precision high-current applications in harsh, noisy
environments, the VPWR by-pass capacitor may need to be
substantially larger.
Figure 14. 33932 Typical Application Schematic 1/2 Device
VDD
LOGIC SUPPLY
CHARGE
PUMP
GATE DRIVE
AND
PROTECTION
LOGIC
CURRENT MIRRORS
AND
CONSTANT OFF-TIME
PWM CURRENT REGULATOR
VCP
CCPA
OUT1
OUT2
AGNDA
TO GATES
HS1
LS1
HS2
LS2
VPWRA
VSENSE
ILIM PWM
HS1
HS2
LS1
LS2
LS2
IN1
IN2
EN/D2
D1
SFA
FBA
PGNDA
+5.0 V
RFB
270
Ω
STATUS
FLAG
TO
ADC
1.0
μF
33 nF
VPWR
100 nF
100
μF
M
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com