Electronic Components Datasheet Search
  English  ▼

X  

33932 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33932
Description  5.0 A Throttle Control H-Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33932 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33932 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33932
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
ENABLE INPUT/DISABLE INPUT 2 (EN/D2))
The EN/D2 pin performs the same function as D1 pin,
when it goes to a logic LOW the outputs are immediately tri-
stated. It is also used to place the device in a Sleep Mode so
as to consume very low currents. When the EN/D2 pin
voltage is a logic LOW state, the device is in the Sleep Mode.
The device is enabled and fully operational when the EN pin
voltage is logic HIGH. An internal pull-down resistor
maintains the device in Sleep Mode in the event EN is driven
through a high-impedance I/O or an unpowered
microcontroller, or the EN/D2 input becomes disconnected.
FEEDBACK (FB)
The 33932 has a feedback output (FB) for “real time”
monitoring of H-bridge high-side output currents to facilitate
closed-loop operation for motor speed and torque control.
The FB pin provides current sensing feedback of the
H-bridge high side drivers. When running in the forward or
reverse direction, a ground-referenced 0.24% of load current
is output to this pin. Through the use of an external resistor to
ground, the proportional feedback current can be converted
to a proportional voltage equivalent and the controlling
microcontroller can “read” the current proportional voltage
with its analog-to-digital converter (ADC). This is intended to
provide the user with only first-order motor current feedback
for motor torque control. The resistance range for the linear
operation of the FB pin is 100
Ω <RFB <300 Ω.
If PWM-ing is implemented using the disable pin input
(only D1), a small filter capacitor (~1.0 µF) may be required
in parallel with the RFB resistor to ground for spike
suppression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com