Electronic Components Datasheet Search
  English  ▼

X  

33932 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33932
Description  5.0 A Throttle Control H-Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33932 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33932 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33932
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 8. Short-circuit Detection Turn-OFF Time tFAULT
.
Figure 9. Output Current Limiting Foldback Region
ISC Short-circuit Detection Threshold
5.0
9.0
0.0
Ilim
6.5
Hard Short Occurs
tFAULT
Short Circuit Condition
tB (~16 μs)
tB
TIME
SF set Low
OUT1, OUT2 Tri-Stated,
Current Limit Threshold Foldback.
6.5
4.2
TLIM
TFB
THYS
TSEP
TLIM
Thermal Shutdown
Operation within this region must be
limited to non-repetitive events not to
exceed 30 s per 24 hr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com