Electronic Components Datasheet Search
  English  ▼

X  

33932 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33932
Description  5.0 A Throttle Control H-Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33932 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33932 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33932
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
PROTECTION AND DIAGNOSTIC FEATURES
SHORT-CIRCUIT PROTECTION
If an output short-circuit condition is detected, the power
outputs tri-state (latch-OFF) independent of the input (IN1
and IN2) states, and the fault status output flag (SF) is SET
to logic LOW. If the D1 input changes from logic HIGH to logic
LOW, or if the EN/D2 input changes from logic LOW to logic
HIGH, the output bridge will become operational again and
the fault status flag will be reset (cleared) to a logic HIGH
state.
The output stage will always switch into the mode defined
by the input pins (IN1, IN2, D1, and EN/D2), provided the
device junction temperature is within the specified operating
temperature range.
INTERNAL PWM CURRENT LIMITING
The maximum current flow under normal operating
conditions should be less than 5.0 A. The instantaneous load
currents will be limited to ILIM via the internal PWM current
limiting circuitry. When the ILIM threshold current value is
reached, the output stages are tri-stated for a fixed time (TA)
of 20 µs typical. Depending on the time constant associated
with the load characteristics, the output current decreases
during the tri-state duration until the next output ON cycle
occurs.
The PWM current limit threshold value is dependent on the
device junction temperature. When -40°C <TJ <160°C, ILIM is
between the specified minimum/maximum values. When TJ
exceeds 160°C, the ILIM threshold decreases to 4.2A. Shortly
above 175°C the device over-temperature circuit will detect
TLIM and an over-temperature shutdown will occur. This
feature implements a graceful degradation of operation
before thermal shutdown occurs, thus allowing for
intermittent unexpected mechanical loads on the motor’s
gear-reduction train to be handled.
Important Die temperature excursions above 150
°C are
permitted only for non-repetitive durations <30 seconds.
Provision must be made at the system level to prevent
prolonged operation in the current-foldback region.
OVER-TEMPERATURE SHUTDOWN AND
HYSTERESIS
If an over-temperature condition occurs, the power outputs
are tri-stated (latched-OFF) and the fault status flag (SF) is
SET to logic LOW.
To reset from this condition, D1 must change from logic
HIGH to logic LOW, or EN/D2 must change from logic LOW
to logic HIGH. When reset, the output stage switches ON
again, provided that the junction temperature is now below
the over-temperature threshold limit minus the hysteresis.
Important Resetting from the fault condition will clear the
fault status flag. Powering down and powering up the device
will also reset the 33932 from the fault condition.
OUTPUT AVALANCHE PROTECTION
If VPWR were to become an open circuit, the outputs
would likely tri-state simultaneously due to the disable logic.
This could result in an unclamped inductive discharge. The
VPWR input to the 33932 should not exceed 40 V during this
transient condition, to prevent electrical overstress of the
output drivers.This can be accomplished with a zener clamp
or MOV, and/or an appropriately valued input capacitor with
sufficiently low ESR (see Figure 13).
Figure 13. Avalanche Protection
OUT1
OUT2
I/Os
AGND
PGND
Bulk
Low ESR
Cap.
VPW R
100nF
M
VPWR
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com