Electronic Components Datasheet Search
  English  ▼

X  

33932 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33932
Description  5.0 A Throttle Control H-Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33932 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33932 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33932
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 8.0 V
≤ VPWR ≤ 28 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Specifications given for H-Bridge A apply symmetrically to H-Bridge B.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUTS (VPWR)
Operating Voltage Range(10)
Steady-state
Transient (t < 500 ms)(11)
Quasi-Functional (RDS(ON) May Increase by 50%)
VPWR(SS)
VPWR(t)
VPWR(QF)
8.0
–
5.0
–
–
–
28
40
8.0
V
Sleep State Supply Current(12)
EN/D2 = Logic [0], IN1, IN2, D1 = Logic [1], and IOUT = 0 A
IPWR(SLEEP)
–
–
50
μA
Standby Supply Current (Part Enabled)
IOUT = 0 A, VEN = 5.0 V
IPWR(STANDBY)
–
–
20
mA
Under-voltage Lockout Thresholds
VPWR(falling)
VPWR(rising)
Hysteresis
VUVLO(ACTIVE)
VUVLO(INACTIVE)
VUVLO(HYS)
4.15
–
150
–
–
200
–
5.0
350
V
V
mV
CHARGE PUMP
Charge Pump Voltage (CP Capacitor = 33 nF), No PWM
VPWR = 5.0 V
VPWR = 28 V
VCP - VPWR
3.5
–
–
–
–
12
V
Charge Pump Voltage (CP Capacitor = 33 nF), PWM = 11 kHz
VPWR = 5.0 V
VPWR = 28 V
VCP - VPWR
3.5
–
–
–
–
12
V
CONTROL INPUTS
Operating Input Voltage (IN1, IN2, D1, EN/D2, IN3, IN4, D3, EN/D4)
VI
–
–
5.5
V
Input Voltage (IN1, IN2, D1, EN/D2, IN3, IN4, D3, EN/D4)
Logic Threshold HIGH
Logic Threshold LOW
Hysteresis
VIH
VIL
VHYS
2.0
–
250
–
–
400
–
1.0
–
V
V
mV
Logic Input Currents, VPWR = 8.0 V
Input EN/D2, EN/D4 (internal pull-downs), VIH = 5.0 V
Inputs IN1, IN2, D1, IN3, IN4, D3 (internal pull-ups), VIL = 0 V
IIN
20
-200
80
-80
200
-20
μA
Notes
10.
Device specifications are characterized over the range of 8.0 V
≤ VPWR ≤ 28 V. Continuous operation above 28 V may degrade device
reliability. Device is operational down to 5.0V, but below 8.0 V the output resistance may increase by 50 percent.
11.
Device will survive the transient over-voltage indicated for a maximum duration of 500 ms. Transient not to be repeated more than once
every 10 seconds.
12.
IPWR(SLEEP) is with Sleep Mode activated and EN/ D2, = logic [0], and IN1, IN2, D1 = logic [1] or with these inputs left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com